Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2399GP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CD2399GP
Description  Echo Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD2399GP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CD2399GP Datasheet HTML 1Page - List of Unclassifed Manufacturers CD2399GP Datasheet HTML 2Page - List of Unclassifed Manufacturers CD2399GP Datasheet HTML 3Page - List of Unclassifed Manufacturers CD2399GP Datasheet HTML 4Page - List of Unclassifed Manufacturers CD2399GP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
第 1 页 共 5 页
CD2399GP
混响调频调音电路
概述
CD2399GP 是一款混响处理芯片,该芯片具备数模、模数转换功能和很高的取样频率,同时还内置了一
个
44K 的存储器。数字处理部分产生延迟时间。系统时钟采用内置压控振荡器产生,是数字处理电路的一大
特点,它使得频率很容易调整。
CD2399GP 的优势在于它具有很低的失真系数和噪声(NO<-90dBV),因此能够输出高品质的音频信号。
为了追求更简单的
PCB 版图布局和更低成本,CD2399GP 的引脚排列和应用电路都进行了优化。
特点
具有自动复位功能
低噪声,典型情况下,
NO<-90dBV
低失真,
THD<1.0%
压控振荡器外部可调
封装形式:
DIP16 和 SOP16
应用场合
视频带记录器(
VTR)、VCD、电视
CD-R、车载音响系统、卡拉OK混频器
电子音乐设备、音频设备带混音处理器
管脚说明
序号
符号
I/O
功能描述
1
VCC
-
模拟电源电压输入
2
REF
-
模拟参考电压端
(1/2VCC)
3
AGND
-
模拟信号地
4
DGND
-
数字信号地
5
CLK_O
O
系统时钟信号输出
6
VCO
I
频率调整端
7
CC1
-
电流控制
1
8
CC0
-
电流控制
0
9
OP1-OUT
O
10
OP1-IN
I
放大器
1输入/输出,通过接电容进行调制解调
11
OP2-IN
I
12
OP2-OUT
O
放大器
2输入/输出,通过接电容进行调制解调
13
LPF2-IN
I
14
LPF2-OUT
O
低通滤波器
2输入/输出
15
LPF1-OUT
O
16
LPF1-IN
I
低通滤波器
1输入/输出


Similar Part No. - CD2399GP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD2399 ETC2-CD2399 Datasheet
300Kb / 6P
Reverberant Reverberant Sound Processor
logo
Shenzhenshi YONGFUKANG ...
CD2399 YONGFUKANG-CD2399 Datasheet
542Kb / 7P
Audio reverberation circuit
logo
List of Unclassifed Man...
CD2399 ETC-CD2399 Datasheet
338Kb / 9P
Reverb processor chip
2012-01
CD2399 ETC-CD2399_V01 Datasheet
338Kb / 9P
Reverb processor chip
2012-01
More results

Similar Description - CD2399GP

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2396 PTC-PT2396 Datasheet
152Kb / 5P
Digital Echo/Surround Processor IC
PT2398 PTC-PT2398 Datasheet
246Kb / 5P
Echo/Surround Processor
PT2399 PTC-PT2399 Datasheet
81Kb / 5P
Echo Processor IC
logo
List of Unclassifed Man...
ES56030 ETC-ES56030 Datasheet
236Kb / 11P
ECHO SOUD PROCESSOR (8K)
TP5208 ETC1-TP5208 Datasheet
102Kb / 7P
64K SRAM ECHO PROCESSOR
TP5299 ETC1-TP5299 Datasheet
74Kb / 11P
ECHO PROCESSOR IC
ES56028 ETC1-ES56028 Datasheet
318Kb / 15P
ECHO SOUD PROCESSOR (20K)
logo
Silan Microelectronics ...
SC5399 SILAN-SC5399 Datasheet
151Kb / 7P
ECHO SOUND EFFECT PROCESSOR
logo
Princeton Technology Co...
PT2396 PTC-PT2396_10 Datasheet
470Kb / 18P
Digital Echo/Surround Processor IC
PT2399 PTC-PT2399_10 Datasheet
320Kb / 9P
Echo Processor IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com