Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

983 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 983
Description  HIGH-PERFORMANCE AEROSPACE CONNECTORS FOR AIRCRAFT ENGINES & BOOSTERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

983 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  983 Datasheet HTML 1Page - TE Connectivity Ltd 983 Datasheet HTML 2Page - TE Connectivity Ltd 983 Datasheet HTML 3Page - TE Connectivity Ltd 983 Datasheet HTML 4Page - TE Connectivity Ltd 983 Datasheet HTML 5Page - TE Connectivity Ltd 983 Datasheet HTML 6Page - TE Connectivity Ltd 983 Datasheet HTML 7Page - TE Connectivity Ltd 983 Datasheet HTML 8Page - TE Connectivity Ltd 983 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
10
For assistance in North America: +1 800.675.1214 • www.peigenesis.com • sales@peigenesis.com
MATERIALS AND FINISHES
Shell
Aluminium Alloy or Stainless Steel
Shell Plating
Nickel, Olive Drab Cadmium, Black Anodized
Contacts
Copper Alloy
Contact Platings
Gold plating
Insulator
Themo-setting, Hermetic - Sintered Glass
Seals
Silicone
ELECTRICAL DATA
Wire Range Sizes
12-24AWG
Insulation Resistance 5000 Megaohms minimum at +260C (500F) and 65% Relative Humidity
Test Voltage
SEA LEVEL
SEA LEVEL
VAC RMS
Sea Level
1500Vrms @ 50Hz mated connectors
15,000M (49,212 feet)
1000Vrms @ 50Hz mated connectors
30,000M (98,425 feet)
200Vrms @ 50Hz mated connectors
Current Rating
WIRE SIZE
CONTACT SIZE
MAX. CURRENT RATING
PER CONTACT AMPS
HERMETIC
24
20
3
5
22
20
5
-
20
20
7.5
-
18
20
7.5
-
20
16
7.5
-
18
16
11
-
16
16
13
10
14
12
17
-
12
12
23
17
TECHNICAL
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com