Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

983 Datasheet(PDF) 15 Page - TE Connectivity Ltd

Part # 983
Description  HIGH-PERFORMANCE AEROSPACE CONNECTORS FOR AIRCRAFT ENGINES & BOOSTERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

983 Datasheet(HTML) 15 Page - TE Connectivity Ltd

Back Button 983 Datasheet HTML 11Page - TE Connectivity Ltd 983 Datasheet HTML 12Page - TE Connectivity Ltd 983 Datasheet HTML 13Page - TE Connectivity Ltd 983 Datasheet HTML 14Page - TE Connectivity Ltd 983 Datasheet HTML 15Page - TE Connectivity Ltd 983 Datasheet HTML 16Page - TE Connectivity Ltd 983 Datasheet HTML 17Page - TE Connectivity Ltd 983 Datasheet HTML 18Page - TE Connectivity Ltd 983 Datasheet HTML 19Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
23
For assistance in Europe and China, please see the back cover for a complete listing of our branch offices and contact numbers.
Specifications subject to change.
JAM NUT MOUNTING - CRIMP STYLE TYPE 7
SQUARE FLANGE - HERMETIC TYPE 0
DIMENSIONS
SHELL
SIZE
A MAX. B MAX. E MAX. F MAX. G MAX. H + 0 /- .001
(+0 /-.02) M MAX.
N + 0 /- .001
(+0 /-.02)
V MIN.
WEIGHT MAX GRAMS* TIGHTENING
TORQUE OF
PANEL NUT
STEEL
ALUMINIUM
08
1.078
(27.38)
.980
(24.89)
.137
(3.48)
.562
(14.27)
.500
(12.70)
.640
(16.26)
.829
(21.06)
.610
(15.50)
1.248
(31.70)
32
15
7m.N max.
10
1.192
(30.28)
1.104
(28.04)
.137
(3.48)
.688
(17.47)
.625
(15.88)
.765
(19.43)
.954
(24.23)
.735
(18.67)
1.374
(34.90)
41
21
10m.N max.
12
1.380
(35.05)
1.291
(32.79)
.137
(3.48)
.875
(22.22)
.750
(19.05)
.952
(24.18)
1.142
(29.01)
.922
(23.42)
1.559
(39.60)
58
30
12m.N max.
14
1.516
(38.51)
1.391
(35.33)
.137
(3.48)
.938
(23.82)
.875
(22.23)
1.015
(25.78)
1.205
(30.61)
.985
(25.02)
1.624
(41.25)
68
35
15m.N max.
16
1.641
(41.68)
1.516
(38.51)
.137
(3.48)
1.062
(26.97)
1.000
(25.40)
1.140
(28.96)
1.329
(33.76)
1.110
(28.20)
1.750
(44.45)
82
46
18m.N max.
18
1.766
(44.86)
1.641
(41.68)
.137
(3.48)
1.188
(30.18)
1.062
(26.97)
1.265
(32.13)
1.455
(36.96)
1.230
(31.25)
1.864
(47.35)
88
51
22m.N max.
20
1.954
(49.63)
1.766
(44.86)
.137
(3.48)
1.312
(33.32)
1.188
(30.18)
1.390
(35.31)
1.579
(40.11)
1.355
(34.42)
2.043
(51.90)
100
56
25m.N max.
22
2.078
(52.78)
1.954
(49.63)
.148
(3.76)
1.438
(36.53)
1.312
(33.32)
1.515
(38.48)
1.705
(43.31)
1.480
(37.59)
2.130
(54.10)
123
69
27m.N max.
24
2.182
(55.42)
2.079
(52.81)
.148
(3.76)
1.562
(39.67)
1.438
(36.53)
1.640
(41.66)
1.829
(46.46)
1.605
(40.77)
2.254
(57.25)
137
82
29m.N max.
28
2.434
(61.82)
2.331
(59.21)
.148
(3.76)
1.812
(46.02)
1.750
(44.45)
1.890
(48.01)
2.142
(54.41)
1.856
(47.14)
2.569
(65.25)
191
120
30m.N max.
*Without contacts
SHELL SIZE
B MAX.
C +/- .002
(+/-.05)
F MAX.
G MAX.
H + 0 /- .001
(+0 /-.02)
P MAX.
V MIN.
WEIGHT
MAX.
GRAMS*
SIZE
SIZE
20
16-12
08
.817 (20.75)
.594 (15.09)
.562 (14.27)
.500 (12.70)
.622 (15.80)
.194 (4.93)
.224 (5.69)
1.248 (31.70)
18
10
.942 (23.93)
.719 (18.26)
.688 (17.47)
.625 (15.88)
.736 (18.70)
.194 (4.93)
.224 (5.69)
1.374 (34.90)
24
12
1.036 (26.32)
.812 (20.62)
.875 (22.22)
.750 (19.05)
.921 (23.40)
.194 (4.93)
.224 (5.69)
1.559 (39.60)
31
14
1.130 (28.71)
.906 (23.01)
.938 (23.82)
.875 (22.23)
.980 (24.90)
.194 (4.93)
.224 (5.69)
1.624 (41.25)
40
16
1.255 (31.88)
.969 (24.61)
1.062 (26.97) 1.000 (25.40)
1.114 (28.3)
.194 (4.93)
.224 (5.69)
1.750 (44.45)
49
18
1.348 (34.24) 1.050 (26.67) 1.188 (30.18) 1.062 (26.97) 1.224 (31.10)
.194 (4.93)
.224 (5.69)
1.864 (47.35)
54
20
1.442 (36.63) 1.156 (29.36) 1.312 (33.32) 1.188 (30.18) 1.358 (34.50)
.194 (4.93)
.224 (5.69)
2.043 (51.90)
62
22
1.567 (39.80) 1.250 (31.75) 1.438 (36.53) 1.312 (33.32) 1.476 (37.50)
.194 (4.93)
.224 (5.69)
2.130 (54.10)
77
24
1.708 (43.39) 1.375 (34.92) 1.562 (39.67) 1.438 (36.53) 1.598 (40.60)
.194 (4.93)
.224 (5.69)
2.254 (57.25)
88
*Without contacts
All dimensions in inches (millimeters in parenthesis)
18,24 ± 0,15
4 holes/trous Ø 3,05 ± 0,10
4 holes/trous Ø 3,80 ± 0,10
Sizes/Tailles 08 to/à 22
Size/Taille 24
4 holes/trous Ø 3,20 ± 0,10
4 holes/trous Ø 3,80 ± 0,10
Sizes/Tailles 08 to/à 22
Size/Taille 24
1,80 max.
C
C
C
C
B
B
31,50 max.
35,65 max
H
V
G
F
19,58 ± 0,15
E
A
H
N
B
G
F
31,50 max.
35,65 max.
V
G
19,94 ± 0,15
1,55 max.
2,40 max.
P
H
V
A
G
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com