Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

983 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 983
Description  HIGH-PERFORMANCE AEROSPACE CONNECTORS FOR AIRCRAFT ENGINES & BOOSTERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

983 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button 983 Datasheet HTML 3Page - TE Connectivity Ltd 983 Datasheet HTML 4Page - TE Connectivity Ltd 983 Datasheet HTML 5Page - TE Connectivity Ltd 983 Datasheet HTML 6Page - TE Connectivity Ltd 983 Datasheet HTML 7Page - TE Connectivity Ltd 983 Datasheet HTML 8Page - TE Connectivity Ltd 983 Datasheet HTML 9Page - TE Connectivity Ltd 983 Datasheet HTML 10Page - TE Connectivity Ltd 983 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
15
For assistance in Europe and China, please see the back cover for a complete listing of our branch offices and contact numbers.
Specifications subject to change.
HOW TO ORDER 983/EN2997 SERIES CONNECTORS - ASD-STAN
STEP 5: SELECT POLARIZATION
N = Normal
6 = Next Most Popular
7 = Not Popular
8 = Check for Availability
9 = Check for Availability
Y = Check for Availability
(not available in size 8)
KEY
POSITION
SHELL SIZE 8
SHELL SIZE 10
SHELL SIZE 12 - 28
A
B
C
D
A
B
C
D
A
B
C
D
N
105
140
215
265
105
140
215
265
105
140
215
265
6
102
132
248
320
102
132
248
320
18
148
192
259
7
80
118
230
312
80
118
230
312
92
152
222
342
8
35
140
205
275
35
140
205
275
84
152
204
334
9
64
155
234
304
64
155
234
304
24
135
199
240
Y
-
-
-
-
25
115
220
270
98
152
268
338
STEP 4: SELECT CONTACT
Mating Face of Plug
M = Pin
F = Socket
A = Less Pins
B = Less Sockets
C = Pin contact size 20, with crimp barrel for 18 AWG
D = Socket contact size 20, with crimp barrel for 18 AWG
NOTE: A, M, or C marked with M per EN2997
B, F, or D marked with F per EN2997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com