Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL602/604 Datasheet(PDF) 15 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL602/604
Description  BL602/BL604 is Wi-Fi BLE combo chipset for ultra-low-cost and low-power application.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL602/604 Datasheet(HTML) 15 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL602/604 Datasheet HTML 11Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 12Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 13Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 14Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 15Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 16Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 17Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 18Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 19Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
BL602/604 Datasheet
BL604 40-pin package includes 10 power pins, 6 analog pins, 1 reset pin, and 23 flexible GPIO pins.
VDDIO_1
PAD_GPIO_0
18
17
16
15
14
13
PAD_GPIO_6
PAD_GPIO_5
PAD_GPIO_4
PAD_GPIO_3
PAD_GPIO_2
PAD_GPIO_1
12
11
8
7
6
5
4
3
2
VDDIO_1
BL604C/E
QFN40
VDD33_DCDC
PAD_GPIO_15
PAD_GPIO_9
PAD_GPIO_10
PAD_GPIO_11
PAD_GPIO_12
PAD_GPIO_13
PAD_GPIO_14
VDD33_DCDC
AVDD33
3.3V
3.3V
GPIO9-15
PAD_EXT_RST_N/PAD_GPIO_7-8
36
35
34
33
30
29
28
27
26
25
24
23
1
40
39
38
37
AVDD33_1
9
AVDD33_2
10
XTAL_OUT
22
XTAL_IN
21
32
31
20
19
1.8V
/3.3V GPIO0-6/GPIO16-GPIO22/Embedded flash
Figure 3.2: BL604 pin layout
BL602/604 Datasheet
15/ 30
@2020 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com