Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL602/604 Datasheet(PDF) 17 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL602/604
Description  BL602/BL604 is Wi-Fi BLE combo chipset for ultra-low-cost and low-power application.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL602/604 Datasheet(HTML) 17 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL602/604 Datasheet HTML 13Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 14Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 15Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 16Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 17Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 18Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 19Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 20Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 21Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Table 3.1: Pin description
No
Voltage Domain
BL602
BL604
I/O Type
Pin Name
Description
27
VDDIO_1
-
-
DI/DO
PAD_GPIO_26
-
28
VDDIO_1
-
-
DI/DO
PAD_GPIO_27
-
29
VDDIO_1
-
-
DI/DO
PAD_GPIO_28
-
30
AVDD33
12
14
Analog
CHIP_EN
Chip enable
31
AVDD33
-
18
DI
PAD_EXT_RST_N
External reset
32
AVDD33
13
15
Analog
XTAL32K_IN
Crystal oscillator 32.768kHz input
33
AVDD33
14
16
Analog
XTAL32K_OUT
Crystal oscillator 32.768kHz output
34
AVDD33
18
21
Analog
XTAL_IN
External crystal input, support 24/32/38.4/40MHz
35
AVDD33
19
22
Analog
XTAL_OUT
External crystal output, support 24/32/38.4/40MHz
36
VDD15
9
11
Analog
ANT
RF input and output (single pin)
37
-
32
1
Power
VDDIO_1
Externally powered 3.3V or 1.8V
38
-
23
30
Power
VDD33_DCDC
DCDC
39
-
24
31
Power
SW_DCDC
DCDC
40
-
25
32
Power
DCDC_OUT
DCDC
41
-
7
9
Power
AVDD33_1
Externally powered 3.3V
42
-
8
10
Power
AVDD33_2
Externally powered 3.3V
43
-
15
17
Power
AVDD33
Externally powered 3.3V
44
-
10
12
Power
VDD15
Power 1.5V
45
-
11
13
Power
AVDD18
Power 1.8V
46
-
26
33
Power
VDDCORE
Core power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com