Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL602/604 Datasheet(PDF) 10 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL602/604
Description  BL602/BL604 is Wi-Fi BLE combo chipset for ultra-low-cost and low-power application.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL602/604 Datasheet(HTML) 10 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL602/604 Datasheet HTML 6Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 7Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 8Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 9Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 10Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 11Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 12Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 13Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL602/604 Datasheet HTML 14Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
BL602/604 Datasheet
programmable breakpoints, interrupt controller including 64 interrupts and 16 interrupt levels/priorities for low latency
interrupt processing. Up to 192MHz clock frequency, can be dynamically configured to change clock frequency, enter
the power saving mode to achieve low power consumption.
Both WiFi/BLE stack and application run on single 32-bit RISC CPU for simple and ultra-low power applications. CPU
performance ~1.46 DMIPS/MHz. ~3.1 CoreMark/MHz.
2.2 Cache
BL602/BL604 cache improves CPU performance to access external memory. Cache memories can be partially or
fully configured as TCM (tightly coupled memory).
2.3 Memory
BL602/BL604 memories include: on-chip zero-delay SRAM memories, read-only memories, write-once memories,
embedded flash memory (optional).
2.4 DMA
BL602/BL604 DMA (direct memory access) controller has four dedicated channels that manage data transfer between
peripherals and memories to improve cpu/bus efficiency. There are three main types of transfers including memory to
memory, memory to peripheral, and peripheral to memory. DMA also supports LLI (link list item) that multiple transfers
are pre-defined by a series of linked lists, then hardware automatically complete all transfers according to each LLI
size and address. DMA supports peripheral UART, I2C, SPI, ADC and DAC.
2.5 Bus
BL602/BL604 bus fabric connection and memory-map summarized as follows:
Table 2.1: Bus Connection
Slave/ Master
CPU
SDIO
DMA
Crypto
Engine
Debug
SRAM
V
V
V
V
V
Peripheral
V
V
V
-
V
WiFi/BLE
V
V
V
-
V
Table 2.2: Memory Map
Module
Base Address
Size
Description
WRAM
0x42030000
112KB
Wireless SRAM memory
RETRAM
0x40010000
4KB
Deep sleep memory (Retention RAM)
BL602/604 Datasheet
10/ 30
@2020 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com