Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL604 Datasheet(PDF) 13 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL604
Description  BL602/BL604 is Wi-Fi BLE combo chipset for ultra-low-cost and low-power application.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL604 Datasheet(HTML) 13 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL604 Datasheet HTML 9Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 10Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 11Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 12Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 13Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 14Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 15Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 16Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 17Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
BL602/604 Datasheet
MCU
DIV
bclk
120MHz
192MHz
48MHz
160MHz
CG
DIV
hclk
SOC
fclk
f 32k_clk
CG
PMU
1
1
1
0
DIV
uart clk
(~2MHz)
CG
gpdac clk
512KHz
DIV
xclk
1
DIV
CG
i2c clk
DIV
CG
spi clk
DIV
CG
general adc clk
96 MHz
1
1
CG
pwm clk
0
RC32K
XTAL32K
DIV
CG
en
11bit
f32k_sel
RC32M
clkpll_xtal_rc32m_sel
PLL
xtal_clk
root_clk_sel[0]
pll_en
bclk_en
bclk_div
hclk_en
hclk_div
root_clk_sel[1]
pll_sel
sel
sel
sel
sel
3bit
6bit
16bit
8bit
5bit
en
en
en
en
en
en
pir
CG
CG
Cnt
XTAL
24/32/38.4/40M
96MHz
80MHz
DIV
CG
flash clk
en
3bit
sel
DIV
CG
ir clk
6bit
en
Figure 2.2: Clock Architecture
2.10 Peripherals
Peripherals include SDIO, SPI, UART, I2C, IR remote, PWM, ADC, DAC, PIR.
Each peripheral can be assigned to different groups of GPIOs through flexible configurations.
Each GPIO can be used as a general-purpose input and output function.
BL602/604 Datasheet
13/ 30
@2020 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com