Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL604 Datasheet(PDF) 7 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL604
Description  BL602/BL604 is Wi-Fi BLE combo chipset for ultra-low-cost and low-power application.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL604 Datasheet(HTML) 7 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL604 Datasheet HTML 3Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 4Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 5Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 6Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 7Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 8Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 9Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 10Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 11Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
BL602/604 Datasheet
1.1 Wireless
• Support IEEE 802.11 b/g/n protocol
• 2.4 GHz band 1T1R mode, support 20 MHz, data rate
up to 72.2 Mbps
• Wi-Fi
security
WPS/WEP/WPA/WPA2
Per-
sonal/WPA2 Enterprise/WPA3
• Wireless Multimedia (WMM)
• Frame aggregation (AMPDU, AMSDU)
• Immediate Block ACK
• Fragmentation and defragmentation
• Beacon automatic reception (hardware TSF)
• Hardware support 6 × virtual Wi-Fi interface
• Support Station mode, SoftAP mode, Station + SoftAP
mode, Sniffer mode
• Support multiple cloud access at the same time
• Integrated balun, PA/LNA
• Bluetooth® Low Energy 5.0, Bluetooth Mesh
• BLE assists in achieving fast Wi-Fi connection
• Wi-Fi and BLE coexist
• Support BLE 5.0 channel selection #2
• 2M PHY / Coded PHY / ADV extension is not sup-
ported
1.2 MCU Subsystem
• 32-bit RISC CPU with FPU (floating point unit)
• Level-1 cache
• One RTC timer update to one year
• Two 32-bit general purpose timers
• Four DMA channels
• DFS (Dynamic Frequency Scaling) from 1MHz to
192MHz
• JTAG development support
• XIP QSPI/SPI Flash with hardware decryption support
1.3 Memory
• 276KB RAM
• 128KB ROM
• 1Kb eFuse
• Embedded Flash (Optional)
1.4 Security
• Secure boot,support ECC-256 signed image
• Secure debug ports
• QSPI/SPI Flash On-The-Fly AES Decryption (OT-
FAD),support AES-128 CTR mode
• AES 128/192/256 bits
• SHA-1/224/256
• TRNG (True Random Number Generator)
• PKA (Public Key Accelerator),support big number op-
eration,software support sign/verify API
BL602/604 Datasheet
7/ 30
@2020 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com