Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL604 Datasheet(PDF) 8 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL604
Description  BL602/BL604 is Wi-Fi BLE combo chipset for ultra-low-cost and low-power application.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL604 Datasheet(HTML) 8 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL604 Datasheet HTML 4Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 5Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 6Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 7Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 8Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 9Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 10Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 11Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 12Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
BL602/604 Datasheet
1.5 Peripheral
• One SDIO 2.0 slave
• One SPI master/slave with max clock 40Mbps
• Two UART with max baudrate 10Mbps,support
RTS/CTS flow control
• One I2C master with max clock 3Mbps
• Five PWM channels with max output frequency
40MHz
• Two 10-bit general DAC channels with max conversion
rate 512Ksps
• Twelve 12-bit general ADC channels with max conver-
sion rate 2Msps
• Two general analog comparators (ACOMP),can be
CPU wake up source
• One PIR (Passive Infra-Red) detection,can be CPU
wake up source
• One infrared remote controller(IR),support NEC RC5
protocol
• 16 or 23 GPIOs
1.6 Power Management
• Off
• Hibernate (flexible modes)
• Power Down Sleep (flexible modes)
• Active
1.7 Clock
• Support XTAL 24/32/38.4/40MHz
• Internal RC 32kHz oscillator
• Internal RC 32MHz oscillator
• Internal System PLL
• XTAL 32kHz
BL602/604 Datasheet
8/ 30
@2020 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com