Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL702/704/706 Datasheet(PDF) 14 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL702/704/706
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL702/704/706 Datasheet(HTML) 14 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL702/704/706 Datasheet HTML 10Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 11Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 12Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 13Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 14Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 15Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 16Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 17Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 18Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
BL702/704/706 Datasheet
MCU
DIV
bclk
144MHz
120MHz
57.6MHz
96MHz
CG
DIV
hclk
SOC
fclk
f32k_clk
CG
PMU
1
DIV
uart clk
(~2MHz)
xclk
DIV
CG
i2c clk
DIV
CG
spi clk
DIV
CG
general adc clk
1
1
CG
pwm clk
0
RC32K
XTAL32K
DIV
CG
en
11bit
f32k_sel
RC32M
clkpll_xtal_rc32m_sel
PLL
xtal_clk
pll_en
bclk_en
bclk_div
hclk_en
hclk_div
root_clk_sel[1]
pll_sel
sel
sel
sel
3bit
6bit
16bit
8bit
5bit
en
en
en
en
en
pir
CG
CG
Cnt
XTAL
32MHz
96MHz
72MHz
DIV
CG
flash clk
en
3bit
sel
DIV
CG
ir clk
6bit
en
CG
gpdac clk
(~512KHz)
DIV
sel
en
duty
AUPLL
24.576MHz
32.768MHz
CG
i2s clk(~2MHz)
en
32MHz
DIV
sel
5bit
CG
CG
CG
en
en
en
/8
kys clk(1MHz)
qdec clk(1MHz)
kys clk(128KHz)
/2
usb clk
(duty 50/50)
en
CG
48MHz
1
duty
root_clk_sel[0]
1
0
Fig. 2.2: Clock Architecture
2.10 Peripherals
Peripherals include USB2.0, Ethernet, IR-remote, SPI, UART, ISO 17987, I2C, I2S, PWM, QDEC, KeyScan, ADC,
DAC, PIR, Camera. Each peripheral can be assigned to different groups of GPIOs through flexible configurations.
Each GPIO can be used as a general-purpose input and output function.
BL702/704/706 Datasheet
14/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com