Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL702/704/706 Datasheet(PDF) 27 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL702/704/706
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL702/704/706 Datasheet(HTML) 27 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL702/704/706 Datasheet HTML 23Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 24Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 25Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 26Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 27Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 28Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 29Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 30Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 31Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
5
Power Consumption
Power Consumption of each power mode.
Table 5.1: Power Modes & Whole-chip Current
Symbol
Parameter
Conditions
Performance
@25◦C
Symbol
Parameter
Conditions
Typ
Unit
RX
RF only
3.5
mA
TX
0dBm
RF only
4.8
10dBm
RF only
17
14dBm
RF only
45
Idd
Run Mode
(Run in RAM)
All Peripherals clock ON
Run while(1)
RC32M to PLL
cpu clk=144MHz
peripheral clk=72MHz
16.70
mA
RC32M to PLL
cpu clk=96MHz
peripheral clk=48MHz
12.11
RC32M
cpu clk=32MHz
peripheral clk=32MHz
7.03
All Peripherals clock OFF
Run while(1)
RC32M to PLL
cpu clk=144MHz
peripheral clk=72MHz
8.44
RC32M to PLL
cpu clk=96MHz
peripheral clk=48MHz
6.43
RC32M
cpu clk=32MHz
peripheral clk=32MHz
3.36
Idd
Run Mode
(Run in FLASH)
All Peripherals clock ON
Run while(1)
RC32M to PLL
cpu clk=144MHz
peripheral clk=72MHz
15.86
mA
RC32M to PLL
cpu clk=96MHz
peripheral clk=48MHz
11.52
RC32M
cpu clk=32MHz
peripheral clk=32MHz
6.87
All Peripherals clock OFF
Run while(1)
RC32M to PLL
cpu clk=144MHz
peripheral clk=72MHz
7.72
RC32M to PLL
cpu clk=96MHz
peripheral clk=48MHz
6.01
RC32M
cpu clk=32MHz
peripheral clk=32MHz
3.39
BL702/704/706 Datasheet
27/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com