Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL702/704/706 Datasheet(PDF) 11 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL702/704/706
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL702/704/706 Datasheet(HTML) 11 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL702/704/706 Datasheet HTML 7Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 8Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 9Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 10Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 11Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 12Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 13Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 14Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 15Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
BL702/704/706 Datasheet
2.1 CPU
BL702/BL704/BL706 32-bit RISC CPU contains FPU (floating-point unit) for 32-bit single-precision arithmetic, three-
stage pipelined (IF, EXE, WB), compressed 16 and 32-bit instruction set, standard JTAG debugger port including 4
hardware-programmable breakpoints, interrupt controller including 64 interrupts and 16 interrupt levels/priorities for
low latency interrupt processing. Up to 144MHz clock frequency, can be dynamically configured to change clock
frequency, enter the power saving mode to achieve low power consumption.
Both zigBee/BLE stack and application run on single 32-bit RISC CPU for simple and ultra-low power applications.
CPU performance ~1.46 DMIPS/MHz. ~3.1 CoreMark/MHz.
2.2 Cache
BL702/BL704/BL706 cache improves CPU performance to access external memory. Cache memories can be partially
or fully configured as TCM (tightly coupled memory).
2.3 Memory
BL702/BL704/BL706 memories include: on-chip zero-delay SRAM memories, read-only memories, write-once memories,
embedded flash memory (optional), embedded pSRAM (BL704/BL706,optional).
2.4 DMA
BL702/BL704/BL706 DMA (direct memory access) controller has eight dedicated channels that manage data transfer
between peripherals and memories to improve cpu/bus efficiency.
There are four main types of transfers including memory to memory, memory to peripheral, peripheral to peripheral
and peripheral to memory. DMA also supports LLI (link list item) that multiple transfers are pre-defined by a series of
linked lists, then hardware automatically complete all transfers according to each LLI size and address. DMA supports
peripheral USB, UART, I2C, I2S, SPI, ADC and DAC.
2.5 Bus
BL702/BL704/BL706 bus fabric connection and memory-map summarized as follows:
Table 2.1: Bus Connectiom
Slave/ Master
CPU
Ethernet
DMA
Crypto
Engine
Debug
SRAM
V
V
V
V
V
Peripheral
V
-
V
-
V
BLE/zigbee
V
-
V
-
V
BL702/704/706 Datasheet
11/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com