Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL706 Datasheet(PDF) 21 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL706
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL706 Datasheet(HTML) 21 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL706 Datasheet HTML 17Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 18Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 19Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 20Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 21Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 22Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 23Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 24Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 25Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
BL702/704/706 Datasheet
Table 3.1: Pin description
No
Voltage Domain
BL702
BL704
BL706
I/O Type
Pin Name
Description
14
VDDIO_3
22
25
29
DI/DO
PAD_GPIO_14
-
15
VDDIO_3
23
26
30
DI/DO
PAD_GPIO_15
-
16
VDDIO_3
-
-
31
DI/DO
PAD_GPIO_16
-
17
VDDIO_3
24
27
32
DI/DO
PAD_GPIO_17
-
18
VDDIO_3
-
28
33
DI/DO
PAD_GPIO_18
-
19
VDDIO_3
-
29
34
DI/DO
PAD_GPIO_19
-
20
VDDIO_3
-
30
35
DI/DO
PAD_GPIO_20
-
21
VDDIO_3
-
32
37
DI/DO
PAD_GPIO_21
-
22
VDDIO_3
-
33
38
DI/DO
PAD_GPIO_22
-
23
VDDIO_1
26
34
39
DI/DO
PAD_GPIO_23
-
24
VDDIO_1
27
35
40
DI/DO
PAD_GPIO_24
-
25
VDDIO_1
28
36
41
DI/DO
PAD_GPIO_25
-
26
VDDIO_1
29
37
42
DI/DO
PAD_GPIO_26
-
27
VDDIO_1
30
38
43
DI/DO
PAD_GPIO_27
-
28
VDDIO_1
31
39
44
DI/DO
PAD_GPIO_28
-
29
VDDIO_1
-
-
45
DI/DO
PAD_GPIO_29
-
30
VDDIO_1
-
-
46
DI/DO
PAD_GPIO_30
-
31
VDDIO_1
-
-
47
DI/DO
PAD_GPIO_31
-
32
VDDIO_3
-
-
-
DI/DO
PAD_GPIO_32
-
33
VDDIO_3
-
-
-
DI/DO
PAD_GPIO_33
-
34
VDDIO_3
-
-
-
DI/DO
PAD_GPIO_34
-
35
VDDIO_3
-
-
-
DI/DO
PAD_GPIO_35
-
36
VDDIO_3
-
-
-
DI/DO
PAD_GPIO_36
-
37
VDDIO_3
-
-
-
DI/DO
PAD_GPIO_37
-
38
AVDD33_AON
12
15
19
Analog
XTAL32K_IN
Crystal oscillator 32.768kHz input
39
AVDD33_AON
13
16
20
Analog
XTAL32K_OUT
Crystal oscillator 32.768kHz output
40
AVDD33_AON
20
23
27
Analog
XTAL_HF_IN
External crystal input, 32MHz
41
AVDD33_AON
21
24
28
Analog
XTAL_HF_OUT
External crystal output, 32MHz
42
AVDD33_AON
15
18
22
Analog
PU_CHIP
Chip power-up
43
AVDD15
16
19
23
Analog
ANT
RF input and output (single pin)
44
-
32
40
48
Power
VDDIO_1
Externally powered 3.3V or 1.8V
45
-
10
11
14
Power
VDDIO_2
Externally powered 3.3V
46
-
25
31
36
Power
VDDIO_3
Externally powered 3.3V or 1.8V
47
-
14
17
21
Power
AVDD33_AON
Externally powered 3.3V
48
-
17
20
24
Power
AVDD33_PA
Externally powered 3.3V
49
-
19
22
26
Power
AVDD_RF
Externally powered 3.3/1.8/1.5V
BL702/704/706 Datasheet
21/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com