Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL706 Datasheet(PDF) 28 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL706
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL706 Datasheet(HTML) 28 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL706 Datasheet HTML 24Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 25Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 26Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 27Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 28Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 29Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 30Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 31Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 32Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
BL702/704/706 Datasheet
Table 5.1: Power Modes & Whole-chip Current
Symbol
Parameter
Conditions
Performance
@25◦C
Symbol
Parameter
Conditions
Typ
Unit
Idd
Idle Mode
(WFI)
All Peripherals clock ON
code in RAM
RC32M to PLL
cpu clk=144MHz
peripheral clk=72MHz
13.69
mA
RC32M to PLL
cpu clk=96MHz
peripheral clk=48MHz
10.13
RC32M
cpu clk=32MHz
peripheral clk=32MHz
6.45
All Peripherals clock OFF
code in RAM
RC32M to PLL
cpu clk=144MHz
peripheral clk=72MHz
5.43
RC32M to PLL
cpu clk=96MHz
peripheral clk=48MHz
4.44
RC32M
cpu clk=32MHz
peripheral clk=32MHz
2.72
Idd
Idle Mode
(WFI)
All Peripherals clock ON
code in FLASH
RC32M to PLL
cpu clk=144MHz
peripheral clk=72MHz
13.66
mA
RC32M to PLL
cpu clk=96MHz
peripheral clk=48MHz
10.10
RC32M
cpu clk=32MHz
peripheral clk=32MHz
6.43
All Peripherals clock OFF
code in FLASH
RC32M to PLL
cpu clk=144MHz
peripheral clk=72MHz
5.58
RC32M to PLL
cpu clk=96MHz
peripheral clk=48MHz
4.60
RC32M
cpu clk=32MHz
peripheral clk=32MHz
2.89
Idd
LP Mode
(PDS)
Level=0
ON:HBN domain,PD_CORE,MISC,CPU,BZ,USB
170
uA
Level=1
ON:HBN domain,PD_CORE,MISC,CPU,BZ
165
Level=2
ON:HBN domain,PD_CORE,MISC,CPU,USB
135
Level=3
ON:HBN domain,PD_CORE,MISC,CPU
129
Level=4
ON:HBN domain,PD_CORE,MISC,BZ,USB
149
Level=5
ON:HBN domain,PD_CORE,MISC,BZ
144
Level=6
ON:HBN domain,PD_CORE,MISC,USB
113
Level=7
ON:HBN domain,PD_CORE,MISC
108
Level=31
ON:HBN domain,PD_CORE
10
Idd
Hibernate Mode
(HBN)
Level=0
4KB RAM retention + RTC + GPIO wakeup
1.8
uA
Level=1
RTC + GPIO wakeup
1.5
Level=2
GPIO wakeup
1.2
Shut-down
0.1
BL702/704/706 Datasheet
28/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com