Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL706 Datasheet(PDF) 9 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL706
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL706 Datasheet(HTML) 9 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL706 Datasheet HTML 5Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 6Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 7Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 8Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 9Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 10Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 11Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 12Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 13Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
1
Overview
BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
Wireless subsystem contains 2.4G radio, BLE+zigbee baseband and MAC designs. Microcontroller subsystem con-
tains 32-bit RISC CPU, high-speed cache and memories. Power Management Unit controls ultra-low-power modes.
Moreover, variety of security features are supported.
Peripheral interfaces include USB2.0, Ethernet(BL704/BL706), IR-remote, SPI, UART, ISO 17987, I2C, I2S, PWM,
QDEC, KeyScan, ADC, DAC, PIR, Camera(BL706), and GPIOs.
USB host
PMU
Clock
System PLL
RC Clock
XTAL
DMA
Crypto Engine
USB2.0
UART
Camera DVP
(BL706)
SPI
I2C
ISO 17987
IR remote
PWM
Timers
eFuse
QDEC
KeyScan
I2S
DAC
Camera
Sensor
32-bit RISC CPU
Cache / RAM / ROM
RF
Zigbee
BLE
Audio PLL
XIP Flash
Controller
Flash
pSRAM
(BL704/BL706)
pSRAM
Ethernet I/F
(BL704/BL706)
RJ45
(10/100M)
ADC
PIR
GPIO
Car System
HID Device
Fig. 1.1: Block Diagram
BL702/704/706 Datasheet
9/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com