Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R307 Datasheet(PDF) 13 Page - Hangzhou Grow Technology Co., Ltd

Part # R307
Description  Fingerprint Module User Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GROW [Hangzhou Grow Technology Co., Ltd]
Direct Link  http://en.hzgrow.com
Logo GROW - Hangzhou Grow Technology Co., Ltd

R307 Datasheet(HTML) 13 Page - Hangzhou Grow Technology Co., Ltd

Back Button R307 Datasheet HTML 9Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 10Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 11Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 12Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 13Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 14Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 15Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 16Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 17Page - Hangzhou Grow Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
- 11 -
www.hzgrow.com
2 bytes
4bytes
1 byte
2 bytes
1 byte
16 bytes
2 bytes
Header
Module
address
Package
identifier
Package
length
Confirmation
code
Basic parameter
list
Checksum
0xEF01
xxxx
07H
3+16
xxH
See following
table
sum
Note: Confirmation code=00H: read complete;
Confirmation code=01H: error when receiving package;
Name
Description
Offset (word)
Size (word)
Status register
Contents of system status register
0
1
System identifier code Fixed value: 0x0009
1
1
Finger library size
Finger library size
2
1
Security level
Security level (1, 2, 3, 4, 5)
3
1
Device address
32-bit device address
4
2
Data packet size
Size code (0, 1, 2, 3)
6
1
Baud settings
N (baud = 9600*N bps)
7
1
Read valid template number
TempleteNum
Description: read the current valid template number of the Module
Input Parameter: none
Return Parameter: Confirmation code (1 byte),template number:N
Instuction code: 1dH
Command (or instruction) package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
Header
Module address
Package
identifier
Package
length
Instruction
code
Checksum
0xEF01
xxxx
01H
0003H
1dH
0021H
Acknowledge package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
2 bytes
Header
Module
address
Package
identifier
Package
length
Confirmation
code
Template
number
Checksum
0xEF01
xxxx
07H
5
xxH
N
sum
Note: Confirmation code=00H: read complete;
Confirmation code=01H: error when receiving package;
Fingerprint verification
GR_Auto Search
Description: Match captured fingerprint with fingerprint library ,then return the result. Self-define
time for capture , Search start position code and search quantity.
Input parameter: capture time, start bit number, search quantity
Return parameter: Confirmation code; page; Match score
Instruction code: 32H
Command (or instruction) package format:
2 bytes
4 bytes
1 bytes
2 bytes
1 bytes
1 bytes
2 bytes
2 bytes
2 bytes
Header
Original Package Package Instructi Time
start bit search
Checksu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com