Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R307 Datasheet(PDF) 21 Page - Hangzhou Grow Technology Co., Ltd

Part # R307
Description  Fingerprint Module User Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GROW [Hangzhou Grow Technology Co., Ltd]
Direct Link  http://en.hzgrow.com
Logo GROW - Hangzhou Grow Technology Co., Ltd

R307 Datasheet(HTML) 21 Page - Hangzhou Grow Technology Co., Ltd

Back Button R307 Datasheet HTML 16Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 17Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 18Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 19Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 20Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 21Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 22Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 23Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 24Page - Hangzhou Grow Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
- 19 -
www.hzgrow.com
Confirmation code=11H: fail to clear finger library;
To carry out precise matching of two finger templates
Match
Description: to carry out precise matching of templates from CharBuffer1 and CharBuffer2,
providing matching results.
Input Parameter: none
Return Parameter: Confirmation code (1 byte),matching score.
Instuction code: 03H
Command (or instruction) package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
Header
Module
address
Package
identifier
Package length
Instruction code
Checksum
0xEF01
Xxxx
01H
03H
03H
07H
Acknowledge package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
2 bytes
Header
Module
address
Package
identifier
Package
length
Confirmation
code
Matching
score
Checksum
0xEF01 Xxxx
07H
05H
XxH
XxH
sum
Note 1: Confirmation code=00H: templates of the two buffers are matching!
Confirmation code=01H: error when receiving package;
Confirmation code=08H: templates of the two buffers aren’t matching;
2: The instruction doesn’t affect the contents of the buffers.
To search finger library
Search
Description: to search the whole finger library for the template that matches the one in CharBuffer1
or CharBuffer2. When found, PageID will be returned.
Input Parameter: BufferID, StartPage (searching start address), PageNum(searching numbers)
Return Parameter: Confirmation code (1 byte), PageID (matching templates location)
Instuction code: 04H
Command (or instruction) package format:
2 bytes 4bytes
1 byte
2 bytes
1 byte
1 byte
2 bytes
2 bytes
2 bytes
Header Module
address
Package
identifie
r
Package
length
Instructio
n code
buffer
number
Parameter
Parameter Checks
um
0xEF01 xxxx
01H
08H
04H
BufferID
StartPage
PageNum
sum
Note: BufferID of CharBuffer1 and CharBuffer2 are 1h and 2h respectively. Other values
(except 1h, 2h) would be processed as CharBuffer2.
Acknowledge package format:
2 bytes
4bytes
1 byte
2 bytes
1 byte
2 bytes
2 bytes
2 bytes
Header
Module
address
Package
identifier
Package
length
Confirmation
code
页码
得分
Checksum
0xEF01
xxxx
07H
7
xxH
PageID MatchScore
sum
Note 1: Confirmation code=00H: found the matching finer;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com