Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R307 Datasheet(PDF) 8 Page - Hangzhou Grow Technology Co., Ltd

Part # R307
Description  Fingerprint Module User Manual
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GROW [Hangzhou Grow Technology Co., Ltd]
Direct Link  http://en.hzgrow.com
Logo GROW - Hangzhou Grow Technology Co., Ltd

R307 Datasheet(HTML) 8 Page - Hangzhou Grow Technology Co., Ltd

Back Button R307 Datasheet HTML 4Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 5Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 6Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 7Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 8Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 9Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 10Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 11Page - Hangzhou Grow Technology Co., Ltd R307 Datasheet HTML 12Page - Hangzhou Grow Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
- 6 -
www.hzgrow.com
Module address
Each module has an identifying address. When communicating with upper computer, each
instruction/data is transferred in data package form, which contains the address item. Module
system only responds to data package whose address item value is the same with its identifying
address.
The address length is 4 bytes, and its default factory value is 0xFFFFFFFF. User may modify the
address via instruction SetAdder. The new modified address remains at power off.
Random number generator
Module integrates a hardware 32-bit random number generator (RNG) (without seed). Via
instruction GetRandomCode, system will generate a random number and upload it.
IV Communication Protocol
The protocol defines the data exchanging format when R30X series communicates with upper
computer. The protocol and instruction sets apples for both UART and USB communication mode.
For PC, USB interface is strongly recommended to improve the exchanging speed, especially in
fingerprint scanning device.
5.1 Data package format
When communicating, the transferring and receiving of command/data/result are all wrapped in
data package format.
Data package format
Header
Adder
Package
identifier
Package
length
Package content
(instuction/data/Parameter)
Checksum
Definition of Data package
Name
Symbol
Length
Description
Header
Start
2 bytes Fixed value of 0xEF01; High byte transferred first.
Adder
ADDER
4 bytes
Default value is 0xFFFFFFFF, which can be modified by
command. High byte transferred first and at wrong adder value,
module will reject to transfer.
Package
identifier
PID
1 byte
01H
Command packet;
02H
Data packet; Data packet shall not appear alone in
executing processs, must follow command packet or
acknowledge packet.
07H
Acknowledge packet;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com