Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4810 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4810
Description  1200V/450A HALF BRIDGE PEM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4810 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4810 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4810 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4810 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4810 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4810 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
4810
FEATURES:
Half Bridge Configuration
1200V Rated Voltage
450A Continuous Output Current
Internal Zener Clamps on Gates
Proprietary Encapsulation Provides Near Hermetic Performance
MIL-PRF-38534 Screening Available (Modified)
Light Weight Domed ALSIC Baseplate
Robust Mechanical Design for Hi-Rel Applications
Ultra-Low Inductance Internal Layout
Withstands 96 Hours HAST and Thermal Cycling (-55°C to +125°C)
High Side Collector Sense Pin for De-Sat Detection
MIL-PRF-38534 CERTIFIED
1200V/450A
HALF BRIDGE PEM
EQUIVALENT SCHEMATIC
DESCRIPTION:
The MSK 4810 is one of a family of plastic encapsulated modules (PEM) developed specifically for use in military,
aerospace and other severe environment applications. The half bridge configuration and 1200 volt/450 amp rating make it
ideal for use in high current motor drive and inverter applications. The Aluminum Silicon Carbide (AlSiC) baseplate offers
superior flatness and light weight; far better than the copper or copper alloys found in most high power plastic modules.
The high thermal conductivity materials used to construct the MSK 4810 allow high power outputs at elevated baseplate
temperatures. Our proprietary coating, SEES™ - Severe Environment Encapsulation System - protects the internal circuitry
of MSK PEM's from moisture and contamination, allowing them to pass the rugged environmental screening requirements
of military and aerospace applications. MSK PEM's are also available with industry standard silicone gel coatings for a
lower cost option.
TYPICAL APPLICATIONS
ISO-9001 CERTIFIED BY DSCC
PRELIMINARY Rev. -
9/06
1
Motor Drives
Inverters


Similar Part No. - MSK4810

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4810 MSK-MSK4810_15 Datasheet
482Kb / 5P
Internal Zener Clamps on Gates
More results

Similar Description - MSK4810

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP450D120 POWEREX-PP450D120 Datasheet
366Kb / 6P
POW-R-PAK 450A / 1200V Half Bridge IGBT Assembly
logo
M.S. Kennedy Corporatio...
MSK4800H MSK-MSK4800H Datasheet
718Kb / 5P
600V/450A HALF BRIDGE PEM
MSK4801H MSK-MSK4801H Datasheet
632Kb / 6P
600V/600A HALF BRIDGE PEM
MSK4852H MSK-MSK4852H Datasheet
792Kb / 5P
1200V/150A THREE PHASE BRIDGE PEM WITH BRAKE
logo
Semikron International
SKM450GB33F SEMIKRON-SKM450GB33F Datasheet
667Kb / 6P
450A half bridge
logo
Anaren Microwave
MSK4803 ANAREN-MSK4803 Datasheet
537Kb / 8P
600V / 600A HALF BRIDGE PEM
MSK4800 ANAREN-MSK4800 Datasheet
821Kb / 8P
600V/450A HALF BRIDGE PEM
MSK4804 ANAREN-MSK4804 Datasheet
780Kb / 8P
1200V/100A SiC HALF BRIDGE PEM
logo
Cree, Inc
CAB450M12XM3 CREE-CAB450M12XM3 Datasheet
893Kb / 9P
1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
logo
WOLFSPEED, INC.
CAB450M12XM3 WOLFSPEED-CAB450M12XM3 Datasheet
892Kb / 9P
1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
Rev. A, 2019-06-01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com