Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 36 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P2 Datasheet(HTML) 36 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 32Page - Texas Instruments AM263P2 Datasheet HTML 33Page - Texas Instruments AM263P2 Datasheet HTML 34Page - Texas Instruments AM263P2 Datasheet HTML 35Page - Texas Instruments AM263P2 Datasheet HTML 36Page - Texas Instruments AM263P2 Datasheet HTML 37Page - Texas Instruments AM263P2 Datasheet HTML 38Page - Texas Instruments AM263P2 Datasheet HTML 39Page - Texas Instruments AM263P2 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 154 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S Packages) (continued)
ZCZ_C
BALL
NUMBER
[1]
ZCZ_S
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
P17
RGMII1_TD1
RGMII1_TD1_CFG_REG
0x5310 0098
0x0000 05F7
RGMII1_TD1
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
RMII1_TXD1
1
O
MII1_TXD1
2
O
FSIRX1_CLK
6
I
GPIO38
7
IO
EQEP1_B
8
I
P18
RGMII1_TD2
RGMII1_TD2_CFG_REG
0x5310 009C
0x0000 05F7
RGMII1_TD2
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
RMII1_CRS_DV
1
I
MII1_TXD2
2
O
FSIRX1_DATA0
6
I
GPIO39
7
IO
N17
RGMII1_TD3
RGMII1_TD3_CFG_REG
0x5310 00A0
0x0000 05F7
RGMII1_TD3
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
MII1_TXD3
2
O
FSIRX1_DATA1
6
I
GPIO40
7
IO
J16
J16
RSVD_J16
RSVD_J16
RSVD
Reserved
Reserved
Reserved
P15
RSVD_P15
RSVD_P15
RSVD
Reserved
Reserved
Reserved
T4
T4
RSVD_T4
RSVD_T4
RSVD
Reserved
Reserved
Reserved
U1
U1
RSVD_U1
RSVD_U1
RSVD
Reserved
Reserved
Reserved
U3
U3
RSVD_U3
RSVD_U3
RSVD
Reserved
Reserved
Reserved
V2
V2
RSVD_V2
RSVD_V2
RSVD
Reserved
Reserved
Reserved
D4
D4
SAFETY_ERRORn
SAFETY_ERRORn_CFG_REG
0x5310 0230
0x410
SAFETY_ERRORn
0
IO
On / Off / Down
On / NA / Down
0
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
B16
B16
SDFM0_CLK0
SDFM0_CLK0_CFG_REG
0x5310 01E8
0x0000 05F7
CLKOUT1
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO122
7
IO
SDFM0_CLK0
8
I
A16
A16
SDFM0_CLK1
SDFM0_CLK1_CFG_REG
0x5310 01F0
0x0000 05F7
PR0_PRU1_GPIO7
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
CPTS0_TS_SYNC
1
O
UART5_RTSn
2
O
PR0_IEP0_EDC_SYNC_OUT1
3
O
I2C3_SDA
5
IO
GPIO124
7
IO
SDFM0_CLK1
8
I
TI Information - Selective Disclosure
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
www.ti.com
36
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com