Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 61 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P2 Datasheet(HTML) 61 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 57Page - Texas Instruments AM263P2 Datasheet HTML 58Page - Texas Instruments AM263P2 Datasheet HTML 59Page - Texas Instruments AM263P2 Datasheet HTML 60Page - Texas Instruments AM263P2 Datasheet HTML 61Page - Texas Instruments AM263P2 Datasheet HTML 62Page - Texas Instruments AM263P2 Datasheet HTML 63Page - Texas Instruments AM263P2 Datasheet HTML 64Page - Texas Instruments AM263P2 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 154 page
background image
Table 5-90. MMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
MMC0_D2
IO
MMC/SD Data
A3
A3
MMC0_D3
IO
MMC/SD Data
A2
A2
5.3.17 Power Supply
Table 5-91. Power Supply Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
VDD
PWR
1.2V Core supply
E11, E9, F11, F9,
G13, G14, G5,
G6, J16, K13,
K14, K5, K6, N13,
N14, N5, N6, R9
E11, E9, F11, F9,
G13, G14, G5,
G6, J16, K13,
K14, K5, K6, N13,
N14, N5, N6, R9
VDDA18
PWR
1.8V Analog supply
R11, R8
R11, R8
VDDA18_LDO (1) (2)
PWR
1.8V Analog LDO Output
R6
R6
VDDA18_OSC_PLL
PWR
1.8V OSC PLL supply
R4
R4
VDDA33
PWR
3.3V Analog supply
P11, P7, P9
P11, P7, P9
VDDAR1
PWR
1.2V SRAM Array supply
J15
J15
VDDAR2
PWR
1.2V SRAM Array supply
D10
D10
VDDAR3
PWR
1.2V SRAM Array supply
H3
H3
VDDS18
PWR
1.8V IO supply
D6, E15, L4, N15
D6, E15, L4, N15
VDDS18_LDO (1) (3)
PWR
1.8V Digital LDO Output
T3
T3
VDDS33
PWR
3.3V IO supply
D12, D8, H15, H4,
L15, P4, R15
D12, D8, H15, H4,
L15, P4, R15
VPP
PWR
eFuse ROM programming supply
N3
N3
VSS
GND
Ground
A1, A18, E10,
E12, E13, E14,
E5, E6, E7, E8,
F10, F12, F13,
F14, F5, F6, F7,
F8, G10, G11,
G12, G7, G8, G9,
H10, H11, H12,
H13, H14, H5,
H6, H7, H8, H9,
J10, J11, J12, J13,
J14, J5, J6, J7,
J8, J9, K10, K11,
K12, K7, K8, K9,
L10, L11, L12,
L13, L14, L5, L6,
L7, L8, L9, M10,
M11, M12, M13,
M14, M5, M6, M7,
M8, M9, N10, N11,
N12, N7, N8, N9,
P13, P14, P5, T2,
V18
A1, A18, E10,
E12, E13, E14,
E5, E6, E7, E8,
F10, F12, F13,
F14, F5, F6, F7,
F8, G10, G11,
G12, G7, G8, G9,
H10, H11, H12,
H13, H14, H5,
H6, H7, H8, H9,
J10, J11, J12, J13,
J14, J5, J6, J7,
J8, J9, K10, K11,
K12, K7, K8, K9,
L10, L11, L12,
L13, L14, L5, L6,
L7, L8, L9, M10,
M11, M12, M13,
M14, M5, M6, M7,
M8, M9, N10, N11,
N12, N7, N8, N9,
P13, P14, P5, T2
VSSA
AGND
Analog Ground
P10, P12, P6, P8,
R13, R5, V1, V16
P10, P12, P6, P8,
R13, R5, V1, V18
(1)
See the Layout Guidelines sections for details on connecting this pin.
(2)
PCB should directly route VDDA18_LDO to all of the VDDA18 pins and the VDDA_OSC_PLL pin.
(3)
PCB should directly route VDDS18_LDO to all of the VDDS18 pins.
5.3.18 PRU-ICSS
Table 5-92. PRU-ICSS ECAP Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
PR0_ECAP0_APWM_OUT
O
PRU-ICSS Enhanced Capture (ECAP) Input or ECAP
Auxiliary PWM (APWM) Output
D14
D14
TI Information - Selective Disclosure
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com