Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 1 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P2 Datasheet(HTML) 1 Page - Texas Instruments

  AM263P2 Datasheet HTML 1Page - Texas Instruments AM263P2 Datasheet HTML 2Page - Texas Instruments AM263P2 Datasheet HTML 3Page - Texas Instruments AM263P2 Datasheet HTML 4Page - Texas Instruments AM263P2 Datasheet HTML 5Page - Texas Instruments AM263P2 Datasheet HTML 6Page - Texas Instruments AM263P2 Datasheet HTML 7Page - Texas Instruments AM263P2 Datasheet HTML 8Page - Texas Instruments AM263P2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 154 page
background image
AM263Px Sitara™ Microcontrollers
1 Features
Processor Cores:
• Single, dual, and quad-core Arm® Cortex®-R5F
MCU with each core running up to 400 MHz
– 16KB I-cache with 64-bit ECC per CPU core
– 16KB D-cache with 32-bit ECC per CPU core
– 256KB Tightly-Coupled Memory (TCM) with 32-
bit ECC per CPU core cluster
– Lockstep or Dual-core capable clusters
• Trigonometric Math Unit (TMU) for accelerating
trigonometric functions
– Up to 4x, one per R5F MCU core
Memory Subsystem:
• 3MB of On-Chip RAM (OCSRAM)
– 6 Banks x 512KB
– ECC error protection
– Internal DMA engine support
– Remote L2 Cache for external memory,
software programmable up to 128KB per CPU
core
System on Chip (SoC) Services and Architecture:
• 1x EDMA to support data movement functions
• Device Boot supported from the following
interfaces:
– UART (Primary/Backup)
– QSPI NOR Flash (4S/1S) (Primary)
– OSPI NOR Flash (8S 50MHz SDR Mode0, 8S
25MHz DDR XSPI) (Primary)
• Interprocessor communication modules
– SPINLOCK module for synchronizing
processes running on multiple cores
– MAILBOX functionality implemented through
CTRLMMR registers
• Central Platform Time Sync (CPTS) support with
time-sync and compare-event interrupt routers
Flash Memory Interfaces:
• 1x Flash Subsystem with OptiFlash memory
technology and eXecute In Place (XIP) support
– 1x Octal Serial Peripheral Interface (OSPI), up
to 133MHz SDR and DDR
• 1x 4-bit Multi-Media Card/Secure Digital
(MMC/SD) interface
General Connectivity:
• 6x Universal Asynchronous RX-TX (UART)
• 8x Serial Peripheral Interface (SPI) controllers
• 5x Local Interconnect Network (LIN) ports
• 4x Inter-Integrated Circuit (I2C) ports
• 8x Modular Controller Area Network (MCAN)
modules with CAN-FD support
• 4x Fast Serial Interface Transmitters (FSITX)
• 4x Fast Serial Interface Receivers (FSIRX)
• Up to 140 General-Purpose I/O (GPIO) pins
Sensing & Actuation:
• Real-time Control Subsystem (CONTROLSS)
• Flexible Input/Output Crossbars (XBAR)
• 5x 12-bit Analog-to-Digital Converters (ADC)
– 6-input SAR ADC up to 4 MSPS
• 6x Single-ended channels OR
• 3x Differential channels
– Highly Configurable ADC Digital Logic
• XBAR Start of Conversion Triggers (SOC)
• User-defined Sample and Hold (S+H)
• Flexible Post-Processing Blocks (PPB)
• 1x Resolver with up to 2x resolver to digital
converters and dedicated ADCs
– 2x 12-bit ADCs can also be used for general
purpose
• 4-input SAR ADC up to 3MSPS
– 4x Single-ended channels OR
– 2x Differential channels
• 10x Analog Comparators with Type-A
programmable DAC reference (CMPSSA)
• 10x Analog Comparators with Type-B
programmable DAC reference (CMPSSB)
• 1x 12-bit Digital-to-Analog Converter (DAC)
• 32x Pulse Width Modulation (EPWM) modules
– Single or Dual PWM channels
– Advanced PWM Configurations
– Extended HRPWM time resolution
• 16x Enhanced Capture (ECAP) modules
• 3x Enhanced Quadrature Encoder Pulse (EQEP)
modules
• 2x 4-Ch Sigma-Delta Filter Modules (SDFM)
• Additional Signal-multiplex Crossbars (XBAR)
TI Information - Selective Disclosure
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - AM263P2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM263P2 TI1-AM263P2 Datasheet
4Mb / 164P
AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
MAY 2024
AM263P2 TI1-AM263P2 Datasheet
4Mb / 164P
AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
MAY 2024
AM263P2 TI-AM263P2 Datasheet
4Mb / 164P
AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
REVISED MAY 2024
AM263P2 TI2-AM263P2 Datasheet
4Mb / 168P
AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
REVISED MAY 2025
AM263P2-Q1 TI1-AM263P2-Q1 Datasheet
4Mb / 164P
AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
MAY 2024
More results

Similar Description - AM263P2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM2434 TI-AM2434 Datasheet
6Mb / 316P
AM243x Sitara??Microcontrollers
AM2732 TI-AM2732 Datasheet
5Mb / 94P
AM273x Sitara??Microcontrollers
DECEMBER 2021
AM2634 TI-AM2634 Datasheet
3Mb / 140P
AM263x Sitara??Microcontrollers
MARCH 2022
AM2434 TI-AM2434_V01 Datasheet
5Mb / 242P
AM243x Sitara??Microcontrollers
MARCH 2022
AM2732 TI-AM2732_V01 Datasheet
6Mb / 97P
AM273x Sitara??Microcontrollers
FEBRUARY 2022
AM2434 TI-AM2434_V02 Datasheet
6Mb / 280P
AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
AM2434 TI-AM2434_V03 Datasheet
6Mb / 282P
AM243x Sitara™ Microcontrollers
REVISED SEPTEMBER 2022
AM2634 TI-AM2634_V01 Datasheet
3Mb / 164P
AM263x Sitara™ Microcontrollers
REVISED NOVEMBER 2022
AM2634 TI-AM2634_V02 Datasheet
2Mb / 167P
AM263x Sitara™ Microcontrollers
REVISED NOVEMBER 2022
AM625 TI-AM625_V03 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com