Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2210 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP2210
Description  300mA RF ULDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2210 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2210 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2210 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2210 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2210 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2210 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2210 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2210 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2210 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2210 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
300mA RF ULDO REGULATOR
AP2210
Data Sheet
13
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
-60
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I
OUT
=50mA
I
OUT
=100mA
I
OUT
=150mA
I
OUT
=300mA
Junction Temperature (
oC)
AP2210-3.0
V
IN=4V,CIN=1.0
µF,C
OUT=2.2
µF
Typical Performance Characteristics
-50
-25
0
25
50
75
100
125
2.9850
2.9875
2.9900
2.9925
2.9950
2.9975
3.0000
3.0025
3.0050
3.0075
3.0100
3.0125
3.0150
Junction Temperature (
oC)
AP2210-3.0
V
IN
=4V, I
OUT
=10mA
C
IN
=1.0µF, C
OUT
=2.2µF
Figure 4. Output Voltage vs. Junction Temperature
Figure 5. Dropout Voltage vs. Junction Temperature
Figure 6. Ground Pin Current vs. Output Current
Figure 7. Ground Pin Current vs. Junction Temperature
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Output Current (mA)
T
A
=25
oC
C
IN
=1.0µF, C
OUT
=2.2µF
-60
-40
-20
0
20
40
60
80
100
120
140
0
50
100
150
200
250
300
350
400
450
500
550
C
IN
=1.0µF, C
OUT
=2.2µF
Junction Temperature (
oC)
I
OUT=50mA
I
OUT
=100mA
I
OUT
=150mA
I
OUT
=300mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com