Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2210 Datasheet(PDF) 21 Page - BCD Semiconductor Manufacturing Limited

Part # AP2210
Description  300mA RF ULDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2210 Datasheet(HTML) 21 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2210 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2210 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2210 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2210 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AP2210 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited AP2210 Datasheet HTML 19Page - BCD Semiconductor Manufacturing Limited AP2210 Datasheet HTML 20Page - BCD Semiconductor Manufacturing Limited AP2210 Datasheet HTML 21Page - BCD Semiconductor Manufacturing Limited AP2210 Datasheet HTML 22Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
300mA RF ULDO REGULATOR
AP2210
Data Sheet
21
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions (Continued)
SOT-23-5
Unit: mm(inch)
2.820(0.111)
0.000(0.000)
0.300(0.012)
0.950(0.037)
1.050(0.041)
0.100(0.004)
0.200(0.008)
8°
0°
3.020(0.119)
0.400(0.016)
0.100(0.004)
1.150(0.045)
0.200(0.008)
1.800(0.071)
2.000(0.079)
0.700(0.028)
REF
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com