Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K5-R2 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # K5-R2
Description  Adjustable Type Coils
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

K5-R2 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  K5-R2 Datasheet HTML 1Page - Mitsumi Electronics, Corp. K5-R2 Datasheet HTML 2Page - Mitsumi Electronics, Corp. K5-R2 Datasheet HTML 3Page - Mitsumi Electronics, Corp. K5-R2 Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MITSUMI
Adjustable Type Coils
K Type Series
Coils, Filters
(1) Inductance
(2) Operational frequency
(3) Variable range of F & L
(4) Internal capacitance
(5) Unloaded Q
Specifications
(1) 1~300µH
(4) -
(2) 0.1~20MHz (5) 40~70
(3) F:±2%
L:±4%
Features
SMD
1000pcs./Reel
K5-S
K5-S2
Specifications
(1) 1~300µH
(2) 0.1~20MHz
(3) F:±2%
L:±4%
(4) -
(5) 40~70
Features
SMD
1000pcs./Reel
K5-N1
Specifications
(1) 1~1200µH
(2) 0.1~20MHz
(3) F:±2%
L:±5%
(4) 5~15000pF 2
(5) 50~80
Features
SMD
1000pcs./Reel
K5-N
Specifications
(1) 1~5900µH
(2) 0.1~20MHz
(3) F:±2%
L:±5%
(4) 5~15000pF 2
(5) 50~100
Features
SMD
1000pcs./Reel


Similar Part No. - K5-R2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K5-BW1 MINI-K5-BW1 Datasheet
280Kb / 1P
FIXED ATTENUATORS
K5-BW2 MINI-K5-BW2 Datasheet
292Kb / 1P
FIXED ATTENUATORS
K5-GALI MINI-K5-GALI Datasheet
145Kb / 1P
AMPLIFIERS
K5-GALI+ MINI-K5-GALI+ Datasheet
145Kb / 1P
AMPLIFIERS
K5-LFCN MINI-K5-LFCN Datasheet
276Kb / 1P
LOW PASS FILTERS
More results

Similar Description - K5-R2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9106 ETC1-9106 Datasheet
127Kb / 1P
SHIELDED ADJUSTABLE RF COILS
logo
Mitsumi Electronics, Co...
M5-S2 MITSUMI-M5-S2 Datasheet
160Kb / 4P
Adjustable Type Coils
logo
Frontier Electronics.
KM703N FRONTIER-KM703N Datasheet
109Kb / 1P
10mm Adjustable Unshielded IFT Coils
KM51A FRONTIER-KM51A_15 Datasheet
122Kb / 1P
5mm ADJUSTABLE IFT COILS (SHIELDED)
KM57A FRONTIER-KM57A_15 Datasheet
122Kb / 1P
5mm ADJUSTABLE IFT COILS (SHIELDED)
KM703N FRONTIER-KM703N_15 Datasheet
134Kb / 1P
10mm ADJUSTABLE RF COILS (UNSHIELDED)
KM721N FRONTIER-KM721N_15 Datasheet
133Kb / 1P
10mm ADJUSTABLE RF COILS (SHIELDED)
KM739N FRONTIER-KM739N_15 Datasheet
133Kb / 1P
10mm ADJUSTABLE RF COILS (III) (SHIELDED)
KS1346N FRONTIER-KS1346N_15 Datasheet
123Kb / 1P
7mm ADJUSTABLE IFT COILS (I) (SHIELDED)
KS1383N FRONTIER-KS1383N_15 Datasheet
153Kb / 1P
7mm ADJUSTABLE IFT COILS (II) (SHIELDED)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com