Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K5-R2 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # K5-R2
Description  Adjustable Type Coils
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

K5-R2 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  K5-R2 Datasheet HTML 1Page - Mitsumi Electronics, Corp. K5-R2 Datasheet HTML 2Page - Mitsumi Electronics, Corp. K5-R2 Datasheet HTML 3Page - Mitsumi Electronics, Corp. K5-R2 Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MITSUMI
Specifications
(1) 1~6700µH
(4) 5~15000pF 2
(2) 10~500kHz
(5) 50~80
(3) F:±2%
L:±4%
Features
SMD
500psc./Reel
K5-R2
K5-H
Specifications
(1) 1~1000µH
(4) 10~10000pF
(2) 0.1~20MHz
(5) 50~100
(3) F:±2%
L:±5%
K5-R3
4.7
0.5
2.8
0.6
6.6
6.9
7.25 max.
Specifications
(1) 1~4mH
(4) -
(2) 40~100kHz
(5) 40~60
(3) F:±2%
L:±5%
K5-C
Recommendation of mounting holes
(General toierance :
±0.05)
2-ø1
(Holes)
5.5
3.5
5.6
+0.3
-0.1
6
6.5max.
2.5
±0.3
3.5
2.8
2.8
±0.3
6-ø0.6
(Holes)
Specifications
(1) 1~1000µH
(4) 10~10000pF
(2) 0.1~20MHz
(5) 50~100
(3) F:±2%
L:±5%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com