Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K5-R2 Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # K5-R2
Description  Adjustable Type Coils
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

K5-R2 Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  K5-R2 Datasheet HTML 1Page - Mitsumi Electronics, Corp. K5-R2 Datasheet HTML 2Page - Mitsumi Electronics, Corp. K5-R2 Datasheet HTML 3Page - Mitsumi Electronics, Corp. K5-R2 Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MITSUMI
Adjustable Type Coils
K7-P
Specifications
(1) 1~1600µH
(4) 10~18000pF
(2) 0.1~20MHz
(5) 50~110
(3) F:±2%
L:±5%
(1) Inductance
(2) Operational frequency
(3) Variable range of F & L
(4) Internal capacitance
(5) Unloaded Q
Specifications
(1) 5~100mH
(2) 10~300kHz
(3) F:±2%
L:±5%
(4) -
(5) 50~80
K7-D
K7-T
Specifications
(1) 1~850µH
(2) 0.1~20MHz
(3) F:±2%
L:±5%
(4) 10~430pF
(5) 60~110
K7-T1
Specifications
(1) 0.1~6mH
(2) 10~300kHz
(3) F:±2%
L:±5%
(4) -
(5) 40~70



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com