Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM8563ESA Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BM8563ESA
Description  High precision, low power consumption I2C interface real-time clock/calendar
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BM8563ESA Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BM8563ESA Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BM8563ESA Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BM8563ESA Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BM8563ESA Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BM8563ESA Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BM8563ESA Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BM8563ESA Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BM8563ESA Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BM8563ESA Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MAX1937
www.belling.com.cn
- 1 -
概述
BM8563是一款低功耗CMOS实时时钟/日历芯片,它提供一个可编程的时钟输出,一个中断输出和一
个掉电检测器,所有的地址和数据都通过I2C总线接口串行传递。最大总线速度为400Kbits/s,每次读写数
据后,内嵌的字地址寄存器会自动递增。
特性
可计时基于 32.768kHz 晶体的秒,分,小时,
星期,天,月和年
带有世纪标志
宽工作电压范围:1.5~5.5V
低休眠电流:典型值为
0.25μA(V
DD=3.0V,
TA=25℃)
I
2C 总线从地址:读,0A3H;写,0A2H
 可编程时钟输出频率为:32.768kHz,1024Hz,
32Hz,1Hz
 报警和定时器
 掉电检测器
 内部集成振荡电容
 封装形式:SOP8/MSOP8/TSSOP8
 漏极开路中断引脚
应用
 便携仪器
 移动电话
 传真机
 复费率电能表、IC 卡水表
 门禁、考勤机
 时钟日历
引脚逻辑图
BM8563
订购信息
型号
温度范围
封装形式
BM8563ESA
-40~+85℃
SOP8
BM8563EMA
MSOP8
BM8563EHA
TSSOP8
BM8563
高精度、低功耗
I
2C 接口实时时钟/日历


Similar Part No. - BM8563ESA

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BM851 BEREX-BM851 Datasheet
1Mb / 12P
1.7~2.7GHz High IIP3 GaAs MMIC Mixer
BM851 BEREX-BM851 Datasheet
1Mb / 12P
1.7~2.7GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
BM851 BEREX-BM851_18 Datasheet
1Mb / 12P
1.7~2.7GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
More results

Similar Description - BM8563ESA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
Real-time clock/calendar
16 April 1999
logo
Intersil Corporation
ISL1208 INTERSIL-ISL1208 Datasheet
393Kb / 21P
I2C Real Time Clock/Calendar
July 29, 2005
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
Low Cost and Low Power I2C RTC Real Time Clock/Calendar
June 15, 2009
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
June 15, 2009
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
Real-time clock/calendar
Rev. 10-3 April 2012
logo
Cymbet Corporation
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
I2C Real-Time Clock/Calendar with Integrated Backup Power
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
I2C Real-Time Clock/Calendar with Integrated Backup Power
logo
HAOYU MICROELECTRONIC.,...
HYM8563 HAOYU-HYM8563 Datasheet
166Kb / 12P
I2C Real Time Clock/Calendar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com