Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM8563ESA Datasheet(PDF) 16 Page - SHANGHAI BELLING CO., LTD.

Part # BM8563ESA
Description  High precision, low power consumption I2C interface real-time clock/calendar
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BM8563ESA Datasheet(HTML) 16 Page - SHANGHAI BELLING CO., LTD.

Back Button BM8563ESA Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BM8563ESA Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BM8563ESA Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BM8563ESA Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BM8563ESA Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BM8563ESA Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD. BM8563ESA Datasheet HTML 16Page - SHANGHAI BELLING CO., LTD. BM8563ESA Datasheet HTML 17Page - SHANGHAI BELLING CO., LTD. BM8563ESA Datasheet HTML 18Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
I
2
C 实时时钟/日历
BM8563
www.belling.com.cn
- 16 -
晶振选择
晶振可通过引脚 1 和 2(OSCI,OSCO)直接连接至 BM8563。为确保产生准确的频率,建议使用负
载电容 C
L 为 6pF、串联电阻 ESR 小于 50KΩ 的 32768Hz 晶振,OSCI/OSCO 两端各连接 6pF 微调匹配
电容。
晶振参数表:
参数名称
符号
最小值
典型值
最大值
单位
频率
f
—
32.768
—
KHz
负载电容
CL
—
6
12.5
pF
串联电阻
ESR
—
30
50
KΩ
典型应用电路图
注:1. 如使用负载电容为6pF的32.768KHz晶振,则需在OSCI、OSCO脚连接约6pF匹配电容用以调节初始精度。
2. 如使用负载电容为12.5pF的32.768KHz晶振,则需在OSCI、OSCO脚连接约19pF匹配电容用以调节初始精度。
3. 如果VCC电源线上有噪声或者干扰信号发生,建议在电源线上增加电阻、电容进行过滤。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com