Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP245P Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # TOP245P
Description  Title 32W (47W peak) Multiple Output supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 8Page - Power Integrations, Inc. TOP245P Datasheet HTML 9Page - Power Integrations, Inc. TOP245P Datasheet HTML 10Page - Power Integrations, Inc. TOP245P Datasheet HTML 11Page - Power Integrations, Inc. TOP245P Datasheet HTML 12Page - Power Integrations, Inc. TOP245P Datasheet HTML 13Page - Power Integrations, Inc. TOP245P Datasheet HTML 14Page - Power Integrations, Inc. TOP245P Datasheet HTML 15Page - Power Integrations, Inc. TOP245P Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
DER-19
TOP245P Multiple Output Set Top Box
March 30, 2004
Page 12 of 25
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
8
Transformer Spreadsheets
This design was produced using PIExpert assuming a TOP245P device with a current
limit capability of 1.1A and an Rdson of 4
Ω. The data below reflects the full continuous
load, which gives approximately 0.7A peak primary current. The transformer has been
designed to operate with safe flux levels with primary currents of up to 1.2A allowing for
the peak power capability.
Power Supply Input
VACMIN
Volts
195
Min Input AC Voltage
VACMAX
Volts
265
Max Input AC Voltage
FL
Hertz
50
AC Main Frequency
TC
mSeconds
1.81
Bridge Rectifier
Conduction Time
Estimate
Z
0.68
Loss Allocation Factor
N
%
74.0
Efficiency Estimate
Power Supply
Outputs
VOx
Volts
3.30
5.00
12.00
20.00 Output Voltage
IOx
Amps
3.000
2.000
0.500
0.300 Output Current
VB
Volts
15.00
Bias Voltage
IB
Amps
0.006
Bias Current
Device Variables
Device
TOP245P
Device Name
PO
Watts
31.99
Total Output Power
VDRAIN
Volts
678
Maximum Drain Voltage
Estimate (Includes
Effect of Leakage
Inductance)
FS
Hertz
132000
Device Switching
Frequency
KRPKDP
0.70
Ripple to Peak Current
Ratio
KI
1.00
External Current Limit
Ratio
IP
Amps
0.75
Peak Primary Current
IRMS
Amps
0.31
Primary RMS Current
DMAX
0.36
Maximum Duty Cycle
Power Supply Components
Selection
CIN
uFarads
47.0
Input Filter Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com