Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP245P Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # TOP245P
Description  Title 32W (47W peak) Multiple Output supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 9Page - Power Integrations, Inc. TOP245P Datasheet HTML 10Page - Power Integrations, Inc. TOP245P Datasheet HTML 11Page - Power Integrations, Inc. TOP245P Datasheet HTML 12Page - Power Integrations, Inc. TOP245P Datasheet HTML 13Page - Power Integrations, Inc. TOP245P Datasheet HTML 14Page - Power Integrations, Inc. TOP245P Datasheet HTML 15Page - Power Integrations, Inc. TOP245P Datasheet HTML 16Page - Power Integrations, Inc. TOP245P Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DER-19
TOP245P Multiple Output Set Top Box
March 30, 2004
Page 13 of 25
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
VMIN
Volts
247
Minimum DC Input
Voltage
VMAX
Volts
375
Maximum DC Input
Voltage
VCLO
Volts
200
Clamp Zener Voltage
PZ
Watts
2.0
VDB
Volts
0.7
Bias Winding Diode
Forward Voltage Drop
PIVB
Volts
59
Bias Rectifier Maximum
Peak Inverse Voltage
Power Supply Output
Parameters
VDx
Volts
0.5
0.5
0.7
0.7 Output Winding Diode
Forward Voltage Drop
PIVSx
Volts
14
20
47
77 Output Rectifier
Maximum Peak Inverse
Voltage
ISPx
Amps
7.74
5.16
1.29
0.77 Peak Secondary
Current
ISRMSx
Amps
4.22
2.81
0.70
0.42 Secondary RMS
Current
IRIPPLEx
Amps
2.96
1.97
0.49
0.30 Output Capacitor RMS
Ripple Current
Transformer Construction
Parameters
Core/Bobbin
E30/15/7 Margin
Core and Bobbin Type
Core Manuf.
Generic
Core Manufacturing
Bobbin Manuf
Generic
Bobbin Manufacturing
LP
uHenries
1181
Primary Inductance
NP
71
Primary Winding
Number of Turns
NB
8.26
Bias Winding Number
of Turns
OD Actual
mm
0.25
Primary Actual Wire
Diameter
Primary
Current
Density
A/mm^2
6
Primary Winding
Current Density
VOR
Volts
135.00
Reflected Output
Voltage
BW
mm
17.30
Bobbin Physical
Winding Width
M
mm
3.0
Safety Margin Width
L
2.0
Number of Primary
Layers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com