Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP245P Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # TOP245P
Description  Title 32W (47W peak) Multiple Output supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 13Page - Power Integrations, Inc. TOP245P Datasheet HTML 14Page - Power Integrations, Inc. TOP245P Datasheet HTML 15Page - Power Integrations, Inc. TOP245P Datasheet HTML 16Page - Power Integrations, Inc. TOP245P Datasheet HTML 17Page - Power Integrations, Inc. TOP245P Datasheet HTML 18Page - Power Integrations, Inc. TOP245P Datasheet HTML 19Page - Power Integrations, Inc. TOP245P Datasheet HTML 20Page - Power Integrations, Inc. TOP245P Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
DER-19
TOP245P Multiple Output Set Top Box
March 30, 2004
Page 17 of 25
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9.4.2 Line
Line regulation was measured at full continuous output power. The regulation, expressed
as a percentage on nominal rail voltage, and as a function of line voltage is shown in
Figure 9 below.
-10
-8
-6
-4
-2
0
2
4
6
8
10
180
200
220
240
260
280
Line Voltage (Vrms)
3V3
5V
12V
20V
Figure 9 – Line Regulation, Room Temperature, Full Load.
9.5
Cross Regulation
Figure 10 gives the cross regulation results at 230V input.
3V3 - 5V - 12V - 20V
3V3
5V
12V
20V
XXXX
3.38
5.28
12.70
19.95
XXXM
3.39
5.28
12.67
19.63
XXMX
3.38
5.28
12.63
19.92
XXMM
3.39
5.00
12.62
19.64
XMXX
3.40
5.19
12.94
20.53
XMXM
3.39
5.18
12.79
19.86
XMMX
3.39
5.19
12.77
20.30
XMMM
3.33
5.10
12.55
19.58
MXXX
3.33
5.25
13.19
20.85
MXXM
3.28
5.20
12.87
20.00
MXMX
3.30
5.17
12.92
20.57
MXMM
3.27
5.10
12.72
19.80
MMXX
3.25
5.15
13.00
20.76
MMXM
3.24
5.12
12.80
19.93
MMMX
3.24
5.14
12.83
20.79
MMMM
3.22
5.12
12.69
19.84
Min (V)
3.22
5.00
12.55
19.58
Max (V)
3.40
5.28
13.19
20.85
% Below
-2.42
0.00
4.58
-2.10
% Above
3.03
5.60
9.92
4.25
Min Load (X)
1
1
0.35
0.1
Max Load (M)
3
2
0.5
0.3
Figure 10 - Cross Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com