Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTR1 Datasheet(PDF) 156 Page - Texas Instruments

Part # CC1110-RTR1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTR1 Datasheet(HTML) 156 Page - Texas Instruments

Back Button CC1110-RTR1 Datasheet HTML 152Page - Texas Instruments CC1110-RTR1 Datasheet HTML 153Page - Texas Instruments CC1110-RTR1 Datasheet HTML 154Page - Texas Instruments CC1110-RTR1 Datasheet HTML 155Page - Texas Instruments CC1110-RTR1 Datasheet HTML 156Page - Texas Instruments CC1110-RTR1 Datasheet HTML 157Page - Texas Instruments CC1110-RTR1 Datasheet HTML 158Page - Texas Instruments CC1110-RTR1 Datasheet HTML 159Page - Texas Instruments CC1110-RTR1 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 156 of 202
RFST
Value
Command
Strobe
Name
Description
0x00
SFSTXON
Enable and calibrate frequency synthesizer (if
MCSM0.FS_AUTOCAL=1). While in
RX / TX issuing this command strobe will force the radio to go to a wait state where only
the synthesizer is running (for quick RX / TX turnaround).
0x01
SCAL
Calibrate frequency synthesizer and turn it off (enables quick start).
0x02
SRX
Enable RX. Perform calibration first if coming from IDLE and
MCSM0.FS_AUTOCAL=1.
0x03
STX
In IDLE state: Enable TX. Perform calibration first if
MCSM0.FS_AUTOCAL=1.
If in RX state and CCA is enabled: Only go to TX if channel is clear.
0x04
SIDLE
Exit RX / TX, turn off frequency synthesizer.
0x05
SAFC
Perform AFC adjustment of the frequency synthesizer
all
others
SNOP
No operation.
Table 42: Strobe commands
15.2 Radio Registers
The operation of the radio is configured
through a set of RF registers. These RF
registers are mapped to XDATA memory
space as shown in Figure 7 on page 33.
In addition to configuration registers, the
RF
registers
also
provide
status
information from the radio.
The RF registers control/status bits are
referred to where appropriate in the
following sections while section 15.17 on
page 172 gives a full description of all RF
registers.
15.3 Interrupts
The radio is associated with two interrupt
vectors on the CPU. These are the
RFTXRX interrupt (interrupt 0) and the
RFIF interrupt (interrupt 12) with the
following functions
•
RFTXRX:
RX data ready or TX data
complete
•
RF:
all other RFIF interrupt
flags
The RF interrupt vector combines the
interrupts in RFIF shown on page 157.
Note that these RF interrupts are rising-
edge triggered. Thus an interrupt is
generated when e.g. the SFD status flag
goes from 0 to 1.
The RF interrupt can also be used to
trigger a timer capture in Timer 1.
The RF interrupt flags are described in the
next section.
15.3.1 Interrupt registers
Two of the main interrupt control SFR
registers are used to enable the RF and
RFTXRX
interrupts.
These
are
the
following:
•
RFTXRX
: IEN0. RFTXRXIE
•
RF
: IEN2.RFIE
Two main interrupt flag SFR registers hold
the RF and RFERR interrupt flags. These
are the following:
•
RFTXRX
: TCON. RFTXRX
•
RF
: S1CON.RFIF
Refer to section 12.7 for details about the
interrupts.
The RF interrupt is the combined interrupt
from six different sources in the radio. Two
SFR registers are used for setting the six
individual RFIF radio interrupt flags and
interrupt enables. These are the RFIF and
RFIM registers.
The interrupt flags in SFR register RFIF
show the status for each interrupt source
for the RF interrupt vector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com