Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTR1 Datasheet(PDF) 158 Page - Texas Instruments

Part # CC1110-RTR1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTR1 Datasheet(HTML) 158 Page - Texas Instruments

Back Button CC1110-RTR1 Datasheet HTML 154Page - Texas Instruments CC1110-RTR1 Datasheet HTML 155Page - Texas Instruments CC1110-RTR1 Datasheet HTML 156Page - Texas Instruments CC1110-RTR1 Datasheet HTML 157Page - Texas Instruments CC1110-RTR1 Datasheet HTML 158Page - Texas Instruments CC1110-RTR1 Datasheet HTML 159Page - Texas Instruments CC1110-RTR1 Datasheet HTML 160Page - Texas Instruments CC1110-RTR1 Datasheet HTML 161Page - Texas Instruments CC1110-RTR1 Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 158 of 202
RFIM (0x91) – RF Interrupt Mask
Bit
Name
Reset
R/W
Description
7:6
-
00
R0
Not used
RX timeout, no packet has been received in the programmed period.
0
Interrupt disabled
5
IM_TIMEOUT
0
R/W
1
Interrupt enabled
Packet received/transmitted. Also used to detect underflow/overflow
conditions.
0
Interrupt disabled
4
IM_DONE
0
R/W
1
Interrupt enabled
Carrier sense.
0
Interrupt disabled
3
IM_CS
0
R/W
1
Interrupt enabled
Preamble quality reached.
0
Interrupt disabled
2
IM_PQT
0
R/W
1
Interrupt enabled
Clear Channel Assessment
0
Interrupt disabled
1
IM_CCA
0
R/W
1
Interrupt enabled
Start of Frame Delimiter, sync word detected
0
Interrupt disabled
0
IM_SFD
0
R/W
1
Interrupt enabled
15.4 TX/RX Data Transfer
Transmit data is written to the radio when
writing to the RF Data register, RFD.
Received data is returned when the RFD
register is read.
It is required that the user software uses
FIFO structures in memory to implement
RX and TX FIFOs. In most cases it is
recommended that the transfer of data
between FIFOs in memory and the RF
Data register, RFD, involves the use of
DMA
channels
with
RFD
as
source/destination
and
DMA
trigger
RADIO. For description on the usage of
DMA, refer to section 13.2 on page 78.
A simple example of writing TX data to the
radio is shown in Figure 35. This example
does not use DMA, but illustrates some of
the basic principles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com