Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTR1 Datasheet(PDF) 162 Page - Texas Instruments

Part # CC1110-RTR1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTR1 Datasheet(HTML) 162 Page - Texas Instruments

Back Button CC1110-RTR1 Datasheet HTML 158Page - Texas Instruments CC1110-RTR1 Datasheet HTML 159Page - Texas Instruments CC1110-RTR1 Datasheet HTML 160Page - Texas Instruments CC1110-RTR1 Datasheet HTML 161Page - Texas Instruments CC1110-RTR1 Datasheet HTML 162Page - Texas Instruments CC1110-RTR1 Datasheet HTML 163Page - Texas Instruments CC1110-RTR1 Datasheet HTML 164Page - Texas Instruments CC1110-RTR1 Datasheet HTML 165Page - Texas Instruments CC1110-RTR1 Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 162 of 202
Bit
Field name
Description
7:0
RSSI
RSSI value
Table 45: Received packet status byte 1
(first byte appended after the data)
Bit
Field name
Description
7
CRC_OK
1: CRC for received data OK (or
CRC disabled)
0: CRC error in received data
6:0
LQI
The
Link
Quality
Indicator
estimates how easily a received
signal can be demodulated
Table 46: Received packet status byte 2
(second byte appended after the data)
Note that register fields that control the
packet handling features should only be
altered when
CC1110 is in the IDLE state.
15.8.1 Data whitening
From a radio perspective, the ideal over
the air data are random and DC free. This
results in the smoothest power distribution
over the occupied bandwidth. This also
gives the control loops in the receiver
uniform operation conditions (no data
dependencies).
Real world data often contain long
sequences
of
zeros
and
ones.
Performance can then be improved by
whitening the data before transmitting, and
de-whitening in the receiver. With
CC1110,
this can be done automatically by setting
PKTCTRL0.WHITE_DATA=1.
All
data,
except the preamble and the sync word,
are then XOR-ed with a 9-bit pseudo-
random (PN9) sequence before being
transmitted. At the receiver end, the data
are XOR-ed with the same pseudo-
random sequence. This way, the whitening
is reversed, and the original data appear in
the receiver.
Setting
PKTCTRL0.WHITE_DATA=1
is
recommended for all uses, except when
over-the-air
compatibility
with
other
systems is needed.
15.8.2 Packet format
The format of the data packet can be
configured and consists of the following
items:
•
Preamble
•
Synchronization word
•
Length
byte
or
constant
programmable packet length
•
Optional Address byte
•
Payload
•
Optional 2 byte CRC
The preamble pattern is an alternating
sequence
of
ones
and
zeros
(01010101…). The minimum length of the
preamble
is
programmable.
When
enabling TX, the modulator will start
transmitting the preamble. When the
programmed number of preamble bytes
has been transmitted, the modulator will
send the sync word and then data from the
RFD register.
The
number
of
preamble
bytes
is
programmed
with
the
MDMCFG1.NUM_PREAMBLE value.
The synchronization word is a two-byte
value set in the SYNC1 and SYNC0
registers. The sync word provides byte
synchronization of the incoming packet. A
one-byte sync word can be emulated by
setting the SYNC1 value to the preamble
pattern. It is also possible to emulate a 32
bit
sync
word
by
using



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com