Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTR1 Datasheet(PDF) 166 Page - Texas Instruments

Part # CC1110-RTR1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTR1 Datasheet(HTML) 166 Page - Texas Instruments

Back Button CC1110-RTR1 Datasheet HTML 162Page - Texas Instruments CC1110-RTR1 Datasheet HTML 163Page - Texas Instruments CC1110-RTR1 Datasheet HTML 164Page - Texas Instruments CC1110-RTR1 Datasheet HTML 165Page - Texas Instruments CC1110-RTR1 Datasheet HTML 166Page - Texas Instruments CC1110-RTR1 Datasheet HTML 167Page - Texas Instruments CC1110-RTR1 Datasheet HTML 168Page - Texas Instruments CC1110-RTR1 Datasheet HTML 169Page - Texas Instruments CC1110-RTR1 Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 166 of 202
In RX mode, the RSSI value can be read
continuously from the RSSI status register,
until the demodulator detects a sync word
(when sync word detection is enabled). At that
point, the RSSI readout value is frozen until
the next time the chip enters the RX state. The
RSSI value is in dB with 0.5dB resolution.
If PKTCTRL1.APPEND_STATUS is enabled, a
snapshot of the RSSI during the first 8 bytes of
the packet is automatically added to the end of
each received packet.
The RSSI value read from the RSSI status
register is a 2’s complement number. The
following procedure can be used to convert the
RSSI reading to an absolute power level
(RSSI_dBm).
15.10.3 Carrier Sense (CS)
The Carrier Sense flag is used as a sync word
qualifier and for CCA. The CS flag can be set
based on two conditions, which can be
individually adjusted:
•
CS is asserted when the RSSI is above a
programmable absolute threshold, and de-
asserted when RSSI is below the same
threshold (with hysteresis).
•
CS is asserted when the RSSI has
increased with a programmable number of
dB from one RSSI sample to the next, and
de-asserted when RSSI has decreased
with the same number of dB. This setting
is not dependent on the absolute signal
level and is thus useful to detect signals in
environments with time varying noise floor.
Carrier Sense (CS) can be used as a sync
word qualifier that requires the signal level to
be higher than the threshold for a sync word
search to be performed. The signal can also
be observed in the status register bit
PKTSTATUS.CS.
Other uses of Carrier Sense include the TX-If-
CCA function (see section 15.10.4 on page
166) and the optional fast RX termination (see
section See section 15.12.3 on page 169 for
details.).
15.10.4 Clear Channel Assessment (CCA)
The Clear Channel Assessment is used to
indicate if the current channel is free or busy.
The current CCA state is viewable in the
PKTSTATUS register
MCSM1.CCA_MODE selects the mode to use
when determining CCA.
When the STX or SFSTXON command strobe is
given while
CC1110 is in the RX state, the TX
state is only entered if the clear channel
requirements are fulfilled. The chip will
otherwise remain in RX. This feature is called
TX if CCA.
Four CCA requirements can be programmed:
•
Always (CCA disabled, always goes to TX)
•
If RSSI is below threshold
•
Unless currently receiving a packet
•
Both the above (RSSI below threshold and
not currently receiving a packet)
15.10.5 Link Quality Indicator (LQI)
The Link Quality Indicator is a metric of the
current quality of the received signal. If
PKTCTRL1.APPEND_STATUS is enabled, the
value is automatically appended to the end of
each received packet. The value can also be
read from the LQI status register. The LQI is
calculated over the 64 symbols following the
sync word (first 8 packet bytes for 2-ary
modulation). LQI is best used as a relative
measurement of the link quality, since the
value is dependent on the modulation format.
15.11 Forward Error Correction with
Interleaving
CC1110 has built-in support for Forward Error
Correction (FEC). To enable this option, set
MDMCFG1.FEC_EN to 1. FEC is employed on
the data field and CRC word in order to reduce
the gross bit error rate when operating near
the sensitivity limit. Redundancy is added to
the transmitted data in such a way that the
receiver can restore the original data in the
presence of some bit errors.
The use of FEC allows correct reception at a
lower SNR, thus extending communication
range. Alternatively, for a given SNR, using
FEC decreases the bit error rate (BER). As the
packet error rate (PER) is related to BER by:
length
packet
BER
PER
_
)
1
(
1
−
−
=
,
a lower BER can be used to allow significantly
longer packets, or a higher percentage of
packets of a given length, to be transmitted
successfully. Finally, in realistic ISM radio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com