Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTR1 Datasheet(PDF) 165 Page - Texas Instruments

Part # CC1110-RTR1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTR1 Datasheet(HTML) 165 Page - Texas Instruments

Back Button CC1110-RTR1 Datasheet HTML 161Page - Texas Instruments CC1110-RTR1 Datasheet HTML 162Page - Texas Instruments CC1110-RTR1 Datasheet HTML 163Page - Texas Instruments CC1110-RTR1 Datasheet HTML 164Page - Texas Instruments CC1110-RTR1 Datasheet HTML 165Page - Texas Instruments CC1110-RTR1 Datasheet HTML 166Page - Texas Instruments CC1110-RTR1 Datasheet HTML 167Page - Texas Instruments CC1110-RTR1 Datasheet HTML 168Page - Texas Instruments CC1110-RTR1 Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 165 of 202
demodulator. This option is enabled by setting
MDMCFG2.MANCHESTER_EN=1.
Manchester
encoding is not supported at the same time as
using the FEC/Interleaver option. Manchester
coding can be used with the 2-ary modulation
formats (2-FSK, GFSK, OOK and MSK).
15.9.1 Frequency Shift Keying
2-FSK can optionally be shaped by a
Gaussian filter with BT=1, producing a GFSK
modulated signal.
The frequency deviation is programmed with
the DEVIATION_M and DEVIATION_E values
in the DEVIATN register. The value has an
exponent/mantissa form, and the resultant
deviation is given by:
E
DEVIATION
xosc
dev
M
DEVIATION
f
f
_
17
2
)
_
8
(
2
⋅
+
⋅
=
The symbol encoding is shown in Table 47.
Format
Symbol
Coding
2FSK/GFSK
‘0’
– Deviation
‘1’
+ Deviation
Table 47: Symbol encoding for FSK
modulation
15.9.2 Minimum Shift Keying
When using MSK
2, the complete transmission
(preamble, sync word and payload) will be
MSK modulated.
Phase shifts are performed with a constant
transition time. This means that the rate of
change for the 180-degree transition is twice
that of the 90-degree transition.
The fraction of a symbol period used to
change the phase can be modified with the
DEVIATN.DEVIATION_M
setting.
This
is
equivalent to changing the shaping of the
symbol. Setting DEVIATN.DEVIATION_M=7
will generate a standard shaped MSK signal.
The MSK modulation format implemented in
CC1110
inverts the sync word and data
compared to e.g. signal generators.
2
Identical to offset QPSK with half-sine
shaping (data coding may differ)
15.9.3 Amplitude Modulation
CC1110 supports two different forms of
amplitude modulation: On-Off Keying (OOK)
and Amplitude Shift Keying (ASK). OOK
modulation simply turns on or off the PA to
modulate 1 and 0 respectively. When using
ASK the modulation depth (the difference
between 1 and 0) can be programmed, and
the power ramping will be shaped. This will
produce a more bandwidth constrained output
spectrum. Output power is limited to 0 dBm
when ASK is used.
15.10 Received Signal Qualifiers and Link
Quality Information
CC1110 has several qualifier values that are
used to increase the requirements that must
be fulfilled before a search for a valid sync
word is started.
15.10.1 Preamble Quality Threshold (PQT)
The Preamble Quality Threshold (PQT) sync-
word qualifier adds the requirement that the
received sync word must be preceded with a
preamble
with
a
quality
above
the
programmed threshold.
Another use of the preamble quality threshold
is as a qualifier for the optional RX termination
timer. See section 15.12.3 on page 169 for
details.
The preamble quality estimator increases an
internal counter by one each time a bit is
received that is different from the previous bit,
and decreases the counter by 4 each time a bit
is received that is the same as the last bit. The
counter saturates at 0 and 31. The threshold is
configured
with
the
register
field
PKTCTRL1.PQT. A threshold of 4·PQT for this
counter is used to gate sync word detection.
By setting the value to zero, the preamble
quality qualifier of the synch word is disabled.
A “Preamble Quality reached” flag can also be
observed
in
the
status
register
bit
PKTSTATUS.PQT_REACHED. This flag asserts
when the received signal exceeds the PQT.
15.10.2 RSSI
The RSSI value is an estimate of the signal
level in the current channel. This value is
based on the current gain setting in the RX
chain and the measured signal level in the
channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com