Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTR1 Datasheet(PDF) 172 Page - Texas Instruments

Part # CC1110-RTR1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTR1 Datasheet(HTML) 172 Page - Texas Instruments

Back Button CC1110-RTR1 Datasheet HTML 168Page - Texas Instruments CC1110-RTR1 Datasheet HTML 169Page - Texas Instruments CC1110-RTR1 Datasheet HTML 170Page - Texas Instruments CC1110-RTR1 Datasheet HTML 171Page - Texas Instruments CC1110-RTR1 Datasheet HTML 172Page - Texas Instruments CC1110-RTR1 Datasheet HTML 173Page - Texas Instruments CC1110-RTR1 Datasheet HTML 174Page - Texas Instruments CC1110-RTR1 Datasheet HTML 175Page - Texas Instruments CC1110-RTR1 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 172 of 202
315MHz
433MHz
868MHz
915MHz
Output
power
[dBm]
Setting
Current
consumption,
typ. [mA]
Setting
Current
consumption,
typ. [mA]
Setting
Current
consumption,
typ. [mA]
Setting
Current
consumption,
typ. [mA]
-30
0x04
10.9
0x68
11.7
0x03
12.0
0x11
11.9
-20
0x17
11.5
0x6C
12.2
0x0D
12.6
0x0B
12.4
-15
0x1D
12.2
0x1C
12.8
0x1C
13.2
0x1B
13.1
-10
0x26
13.4
0x06
14.3
0x34
14.6
0x6D
13.7
-5
0x69
13.0
0x3A
13.8
0x67
14.4
0x67
14.2
0
0x51
15.1
0x51
16.1
0x60
16.8
0x50
16.5
5
0x86
18.3
0x85
19.3
0x85
19.9
0x85
19.3
7
0xCC
22.2
0xC8
24.0
0xCC
25.6
0xC9
25.6
10
0xC3
26.9
0xC0
28.8
0xC3
30.3
0xC1
30.2
Table 49: Optimum PA_TABLE settings for various output power levels (subject to
changes)
315MHz
433MHz
868MHz
915MHz
Default
power
setting
Output
power
[dBm]
Current
consumption,
typ. [mA]
Output
power
[dBm]
Current
consumption,
typ. [mA]
Output
power
[dBm]
Current
consumption,
typ. [mA]
Output
power
[dBm]
Current
consumption,
typ. [mA]
0xC6
8.9
25.1
7.8
25.0
8.9
28.3
8.1
26.8
Table 50: Output power and current consumption for default PATABLE setting
15.16 Antenna Interface
The balanced RF input and output of
CC1110 share two common pins and are
designed for a simple, low-cost matching
and balun network on the printed circuit
board. The receive and transmit switching
at the
CC1110 front-end is controlled by a
dedicated on-chip function, eliminating the
need for an external RX/TX-switch.
A few passive external components
combined
with
the
internal
RX/TX
switch/termination circuitry ensures match
in both RX and TX mode.
Although
CC1110 has a balanced RF
input/output, the chip can be connected to
a single-ended antenna with few external
low cost capacitors and inductors.
The passive matching/filtering network
connected to
CC1110 should have the
following differential impedance as seen
from the RF-port (RF_P and RF_N)
towards the antenna:
Zout 315MHz = 122 + j31 Ω
Zout 433MHz = 116 + j41 Ω
Zout 868MHz = 87 + j43 Ω
15.17 Radio Registers
This section describes all RF registers
used for control and status for the radio.
The RF registers reside in XDATA memory
space in the region 0xDF00-0xDF3D.
Table 51 gives an overview of register
addresses while the remaining tables in
this section describe each register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com