Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTR1 Datasheet(PDF) 173 Page - Texas Instruments

Part # CC1110-RTR1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTR1 Datasheet(HTML) 173 Page - Texas Instruments

Back Button CC1110-RTR1 Datasheet HTML 169Page - Texas Instruments CC1110-RTR1 Datasheet HTML 170Page - Texas Instruments CC1110-RTR1 Datasheet HTML 171Page - Texas Instruments CC1110-RTR1 Datasheet HTML 172Page - Texas Instruments CC1110-RTR1 Datasheet HTML 173Page - Texas Instruments CC1110-RTR1 Datasheet HTML 174Page - Texas Instruments CC1110-RTR1 Datasheet HTML 175Page - Texas Instruments CC1110-RTR1 Datasheet HTML 176Page - Texas Instruments CC1110-RTR1 Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 173 of 202
XDATA
Address
Register
Description
0xDF00
SYNC1
Sync word, high byte
0xDF01
SYNC0
Sync word, low byte
0xDF02
PKTLEN
Packet length
0xDF03
PKTCTRL1
Packet automation control
0xDF04
PKTCTRL0
Packet automation control
0xDF05
ADDR
Device address
0xDF06
CHANNR
Channel number
0xDF07
FSCTRL1
Frequency synthesizer control
0xDF08
FSCTRL0
Frequency synthesizer control
0xDF09
FREQ2
Frequency control word, high byte
0xDF0A
FREQ1
Frequency control word, middle byte
0xDF0B
FREQ0
Frequency control word, low byte
0xDF0C
MDMCFG4
Modem configuration
0xDF0D
MDMCFG3
Modem configuration
0xDF0E
MDMCFG2
Modem configuration
0xDF0F
MDMCFG1
Modem configuration
0xDF10
MDMCFG0
Modem configuration
0xDF11
DEVIATN
Modem deviation setting
0xDF12
MCSM2
Main Radio Control State Machine configuration
0xDF13
MCSM1
Main Radio Control State Machine configuration
0xDF14
MCSM0
Main Radio Control State Machine configuration
0xDF15
FOCCFG
Frequency Offset Compensation configuration
0xDF16
BSCFG
Bit Synchronization configuration
0xDF17
AGCTRL2
AGC control
0xDF18
AGCTRL1
AGC control
0xDF19
AGCTRL0
AGC control
0xDF1A
FREND1
Front end RX configuration
0xDF1B
FREND0
Front end TX configuration
0xDF1C
FSCAL3
Frequency synthesizer calibration
0xDF1D
FSCAL2
Frequency synthesizer calibration
0xDF1E
FSCAL1
Frequency synthesizer calibration
0xDF1F
FSCAL0
Frequency synthesizer calibration
0xDF20
-
Reserved
0xDF21
-
Reserved
0xDF22
-
Reserved
0xDF23
-
Reserved
0xDF24
-
Reserved
0xDF25
-
Reserved
0xDF27
PA_TABLE7
PA output power setting
0xDF28
PA_TABLE6
PA output power setting
0xDF29
PA_TABLE5
PA output power setting
0xDF2A
PA_TABLE4
PA output power setting
0xDF2B
PA_TABLE3
PA output power setting
0xDF2C
PA_TABLE2
PA output power setting
0xDF2D
PA_TABLE1
PA output power setting
0xDF2E
PA_TABLE0
PA output power setting
0xDF2F
IOCFG2
GDO2 output pin configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com