Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTR1 Datasheet(PDF) 177 Page - Texas Instruments

Part # CC1110-RTR1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTR1 Datasheet(HTML) 177 Page - Texas Instruments

Back Button CC1110-RTR1 Datasheet HTML 173Page - Texas Instruments CC1110-RTR1 Datasheet HTML 174Page - Texas Instruments CC1110-RTR1 Datasheet HTML 175Page - Texas Instruments CC1110-RTR1 Datasheet HTML 176Page - Texas Instruments CC1110-RTR1 Datasheet HTML 177Page - Texas Instruments CC1110-RTR1 Datasheet HTML 178Page - Texas Instruments CC1110-RTR1 Datasheet HTML 179Page - Texas Instruments CC1110-RTR1 Datasheet HTML 180Page - Texas Instruments CC1110-RTR1 Datasheet HTML 181Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 177 of 202
0xDF07: FSCTRL1 – Frequency synthesizer control
Bit
Field Name
Reset
R/W
Description
7:5
-
000
R0
Not used
4:0
FREQ_IF[4:0]
01111
R/W
The desired IF frequency to employ in RX. Subtracted from
FS base frequency in RX and controls the digital complex
mixer in the demodulator.
IF
FREQ
f
f
XOSC
IF
_
210
⋅
=
The default value gives an IF frequency of 254 kHz,
assuming a 26.0 MHz crystal.
0xDF08: FSCTRL0 – Frequency synthesizer control
Bit
Field Name
Reset
R/W
Description
7:0
FREQOFF[7:0]
0x00
R/W
Frequency offset added to the base frequency before being
used by the FS. (2-complement).
Resolution is FXTAL/2
14 (1.5 kHz-1.7 kHz); range is ±186 kHz
to ±217 kHz, dependent of XTAL frequency.
The
SAFC strobe command and the automatic AFC
mechanism add the current FREQEST value to FREQOFF.
0xDF09: FREQ2 – Frequency control word, high byte
Bit
Field Name
Reset
R/W
Description
7:6
FREQ[23:22]
00
R
FREQ[23:22] is always (the FREQ2 register is less than 36 with 26MHz
or higher crystal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com