Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0G Datasheet(PDF) 18 Page - EPCOS

Part # C0G
Description  Multilayer Ceramic Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C0G Datasheet(HTML) 18 Page - EPCOS

Back Button C0G Datasheet HTML 13Page - EPCOS C0G Datasheet HTML 14Page - EPCOS C0G Datasheet HTML 15Page - EPCOS C0G Datasheet HTML 16Page - EPCOS C0G Datasheet HTML 17Page - EPCOS C0G Datasheet HTML 18Page - EPCOS C0G Datasheet HTML 19Page - EPCOS C0G Datasheet HTML 20Page - EPCOS C0G Datasheet HTML 21Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Multilayer Ceramic Capacitors
31
10/02
C0G
Ordering codes and packing for C0G, 100 VDC, nickel-barrier terminations
Case size 1210, 100 VDC
Chip thickness
Blister tape,
∅ 180-mm reel
Blister tape,
∅ 330-mm reel
**
62
**
72
CR
Ordering code1)
mm
pcs/reel
pcs/reel
1,0 nF
B37949K1102J0**
0,8
± 0,1
4000
16000
1,5 nF
B37949K1152J0**
0,8
± 0,1
4000
16000
2,2 nF
B37949K1222J0**
0,8
± 0,1
4000
16000
3,3 nF
B37949K1332J0**
0,8
± 0,1
4000
16000
4,7 nF
B37949K1472J0**
1,2
± 0,1
3000
12000
6,8 nF
B37949K1682J0**
1,2
± 0,1
3 000
12000
1) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 16.
^
^
C0G; 1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com