Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0G Datasheet(PDF) 5 Page - EPCOS

Part # C0G
Description  Multilayer Ceramic Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C0G Datasheet(HTML) 5 Page - EPCOS

  C0G Datasheet HTML 1Page - EPCOS C0G Datasheet HTML 2Page - EPCOS C0G Datasheet HTML 3Page - EPCOS C0G Datasheet HTML 4Page - EPCOS C0G Datasheet HTML 5Page - EPCOS C0G Datasheet HTML 6Page - EPCOS C0G Datasheet HTML 7Page - EPCOS C0G Datasheet HTML 8Page - EPCOS C0G Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Multilayer Ceramic Capacitors
18
10/02
C0G
Product range chip capacitors
C0G
Size1)
inch
mm
0402
1005
0603
1608
0805
2012
1206
3216
1210
3225
Type
B37920
B37930
B37940
B37871
B37949
50
50
50
100
200
50
100
50
100
1,0 pF
1,2 pF
1,5 pF
1,8 pF
2,2 pF
2,7 pF
3,3 pF
3,9 pF
4,7 pF
5,6 pF
6,8 pF
8,2 pF
10
pF
12
pF
15
pF
18
pF
22
pF
27
pF
33
pF
39
pF
47
pF
56
pF
68
pF
82
pF
1) l
× b (inch) / l × b (mm)
VR (VDC)
CR
C0G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com