Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0G Datasheet(PDF) 1 Page - EPCOS

Part # C0G
Description  Multilayer Ceramic Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C0G Datasheet(HTML) 1 Page - EPCOS

  C0G Datasheet HTML 1Page - EPCOS C0G Datasheet HTML 2Page - EPCOS C0G Datasheet HTML 3Page - EPCOS C0G Datasheet HTML 4Page - EPCOS C0G Datasheet HTML 5Page - EPCOS C0G Datasheet HTML 6Page - EPCOS C0G Datasheet HTML 7Page - EPCOS C0G Datasheet HTML 8Page - EPCOS C0G Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
14
10/02
Ordering code system
B37940
K
5
010
C
5
60
Packaging
60
cardboard tape, 180-mm reel
62
blister tape, 180-mm reel
70
cardboard tape, 330-mm reel
72
blister tape, 330-mm reel
01
bulk case
^
^
^
^
^
Decimal place for cap. values < 10 pF, otherwise 0
Capacitance tolerance
B
± 0,1 pF
C
± 0,25 pF (standard for capacitance values ≤ 4,7 pF)
D
± 0,5 pF (standard for capacitance values ≤ 8,2 pF)
^
^
^
F
± 1 %
G
± 2 %
J
± 5 % (standard)
K
± 10 %
^
^
^
^
CR < 10 pF:
CR ³ 10 pF:
Capacitance, coded
(example)
010
1 · 100 pF =
1 pF
100
10 · 100 pF = 10 pF
221
22 · 101 pF = 220 pF
^
^
^
Rated voltage
Rated voltage [VDC]
Code
50
100
200
51
2
Termination
Type and size
Chip size
(inch / mm)
0402 / 1005
0603 / 1608
0805 / 2012
1206 / 3216
1210 / 3225
Temperature characteristic
C0G
B37920
B37930
B37940
B37871
B37949
Standard:
On request:
K
nickel barrier for case sizes 0402, 0603, 0805, 1206, 1210
J
silver palladium for conductive adhesion: all case sizes
^
^
Chip
C0G
Multilayer Ceramic Capacitors


Similar Part No. - C0G

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
C0G MURATA-C0G Datasheet
4Mb / 237P
Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
logo
AVX Corporation
C0G AVX-C0G Datasheet
624Kb / 4P
C0G (NP0) Dielectric
logo
Multicomp Pro
C0G MULTICOMP-C0G Datasheet
204Kb / 3P
Radial Leaded, Multilayer Ceramic Capacitors
13/04/20 V1.0
logo
Kyocera Kinseki Corpota...
C0GNP0-KGM KSS-C0GNP0-KGM Datasheet
781Kb / 4P
C0G (NP0) Dielectric, KGM Series
More results

Similar Description - C0G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
Multilayer Ceramic Capacitors
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
Multilayer ceramic capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors
logo
EPCOS
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
Multilayer Ceramic Capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
MULTILAYER CERAMIC CAPACITORS
Jul. 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com