Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCC56-12IO1B Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MCC56-12IO1B
Description  Thyristor-Thyristor Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MCC56-12IO1B Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MCC56-12IO1B Datasheet HTML 1Page - Inchange Semiconductor Company Limited MCC56-12IO1B Datasheet HTML 2Page - Inchange Semiconductor Company Limited MCC56-12IO1B Datasheet HTML 3Page - Inchange Semiconductor Company Limited MCC56-12IO1B Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ISTM4006
eq MCC56-12io1B
Thyristor-Thyristor Module
www.iscsemi.com
2
SYMBOL
PARAMETER
VALUE
UNIT
dv/dt
(
cr)
TVJ=TVJM VD=2/3VDRM
RGK= ∞ ; method 1 (linear voltage rise
1000
V/us
PGM
PGAVM
TVJ=TVJM tp=30us
IT=ITAVM tp=300us
10
5
W
Tvj
virtual junction temperature
-40 ~+125
℃
TvjM
Max virtual junction temperature
125
℃
Tstg
Storage temperature
-40 ~+125
℃
VISOL
isolation voltage 50/60Hz, RMS
t = 1min
IISOL<1mA t = 1s
3000
3600
V~
Tj
Operating Junction temperature
-40 ~+125
℃
Tstg
Storage temperature
-40 ~+150
℃
Rth j-c
per thyristor/diode; DC current
per module
0.45
0.225
K/W
Rth j-h
per thyristor/diode; DC current
per module
0.65
0.325
Md
Mounting torque (M5)
Terminal connection torque (M5)
2.5-4.0/22-35
2.5-4.0/22-35
Nm/lb.in.
Weight
typical
81
g
ds
Creeping distance on surface
12.7
mm
da
Creepage distance in air
9.6
mm
a
Max. allowable acceleration
50
m/s2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com