Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCC56-12IO1B Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MCC56-12IO1B
Description  Thyristor-Thyristor Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MCC56-12IO1B Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MCC56-12IO1B Datasheet HTML 1Page - Inchange Semiconductor Company Limited MCC56-12IO1B Datasheet HTML 2Page - Inchange Semiconductor Company Limited MCC56-12IO1B Datasheet HTML 3Page - Inchange Semiconductor Company Limited MCC56-12IO1B Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ISTM4006
eq MCC56-12io1B
Thyristor-Thyristor Module
www.iscsemi.com
1
FEATURES
·
Thyristor for line frequency
·
Planar passivated chip
·
Long-term stability
APPLICATIONS
·
Softstart AC motor control
·
DC Motor control
·
Power converter
·
AC power control
·
Lighting and temperature control
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDRM
Repetitive peak off-state voltage
1200
V
VRRM
Repetitive peak reverse voltage
1200
V
ITAVM
On-state current Tc=83℃ 180°sine
On-state current Tc=83℃ 180°sine
64
60
A
IRMS
RMS forward current per phaseTc=110℃ , 50 - 400 Hz,
module
100
A
ITSM
TVJ=45℃,t=10ms (50Hz), sine
VR=0,t=8.3ms (60Hz), sine
1500
1600
A
TVJ=TVJM,t=10ms (50Hz), sine
VR=0,t=8.3ms (60Hz), sine
1350
1450
A
I2t
TVJ=45℃,t=10ms (50Hz), sine
VR=0,t=8.3ms (60Hz), sine
11200
10750
A2S
TVJ=TVJM,t=10ms (50Hz), sine
VR=0,t=8.3ms (60Hz), sine
9100
8830
A2S
di/dt
(
cr)
TVJ=TVJM repetitive, IT=150A f=50Hz, tp=200us
VD=2/3VDRM
150
A/us
IG=0.3A non repetitive, IT=ITAVM
diG/dt=0.3A/us
500


Similar Part No. - MCC56-12IO1B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC56-12IO1B IXYS-MCC56-12IO1B Datasheet
159Kb / 4P
Thyristor Modules /Diode Modules
MCC56-12IO1B IXYS-MCC56-12IO1B Datasheet
178Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC56-12IO1B IXYS-MCC56-12IO1B Datasheet
493Kb / 6P
Thyristor Module
logo
New Jersey Semi-Conduct...
MCC56-12IO1B NJSEMI-MCC56-12IO1B Datasheet
226Kb / 3P
Thyristor for line frequency
More results

Similar Description - MCC56-12IO1B

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
70NTT NAINA-70NTT Datasheet
125Kb / 2P
Thyristor - Thyristor Module
160NTT NAINA-160NTT Datasheet
117Kb / 2P
Thyristor - Thyristor Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com