Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCC56-12IO1B Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # MCC56-12IO1B
Description  Thyristor-Thyristor Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MCC56-12IO1B Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  MCC56-12IO1B Datasheet HTML 1Page - Inchange Semiconductor Company Limited MCC56-12IO1B Datasheet HTML 2Page - Inchange Semiconductor Company Limited MCC56-12IO1B Datasheet HTML 3Page - Inchange Semiconductor Company Limited MCC56-12IO1B Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ISTM4006
eq MCC56-12io1B
Thyristor-Thyristor Module
www.iscsemi.com
3
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
IRRM
Repetitive peak reverse current
TVJ=TVJM; VR=VRRM; VD=VDRM
--
--
5
mA
IDRM
Repetitive peak off-state current TVJ=TVJM; VR=VRRM; VD=VDRM
--
--
5
mA
VTM
On-state voltage
ITM= 200A
--
--
1.57
V
VTO
threshold voltage For power-loss calculations only
--
--
0.85
V
rT
slope resistance For power-loss calculations only
--
--
3.7
mΩ
IGT
Gate-trigger current
VD=6V;TVJ=25℃
--
--
100
mA
IGT
Gate-trigger current
VD=6V;TVJ=40℃
--
--
200
mA
VGT
Gate-trigger voltage
VD=6V;TVJ=25℃
--
--
1.5
V
VGT
Gate-trigger voltage
VD=6V;TVJ=40℃
--
--
1.6
V
VGD
gate non-trigger voltage
VD=2/3VDRM
--
--
0.2
V
IGD
gate trigger current
VD=2/3VDRM
--
--
10
mA
IL
latching current
TVJ=25℃; tp=10us
IG=0.45A; diG/dt=0.45A/us
--
--
450
mA
IH
Holding current
VD=6V;TVJ=25℃
--
--
200
mA
tgd
gate controlled delay time
TVJ=25o C; VD=1/2VDRM
IG=0.45A; diG/dt=0.45A/us
--
--
2
us
tq
turn-off time
TVJ=TVJM; IT=150A; tp=200us;
di/dt=-10A/us
VR=100V; dv/dt=20V/us;
VD=2/3VDRM
--
150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com