Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM392 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM392
Description  LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM392 Datasheet(HTML) 1 Page - Texas Instruments

  LM392 Datasheet HTML 1Page - Texas Instruments LM392 Datasheet HTML 2Page - Texas Instruments LM392 Datasheet HTML 3Page - Texas Instruments LM392 Datasheet HTML 4Page - Texas Instruments LM392 Datasheet HTML 5Page - Texas Instruments LM392 Datasheet HTML 6Page - Texas Instruments LM392 Datasheet HTML 7Page - Texas Instruments LM392 Datasheet HTML 8Page - Texas Instruments LM392 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.ti.com
FEATURES
ADVANTAGES
A
B
1
8
OUTPUT A (Comparator)
V+
INVERTING INPUT B
NONINVERTING INPUT B
OUTPUT B (Operational Amplifier)
4
3
2
5
6
7
GND
NONINVERTING INPUT A
INVERTING INPUT A
−
−
+
+
D, DGK, OR P PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
LM392
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
SLOS466 – JANUARY 2006
•
Wide Power-Supply Voltage Range
•
Additional Comparator Features
– Single Supply: 3 V to 32 V
– Low Output Saturation Voltage:
250 mV at 4 mA
– Dual Supply: ±1.5 V to ±16 V
– Output Voltage Compatible With All Types
•
Low Supply-Current Drain Essentially
of Logic Systems
Independent of Supply Voltage: 600
µA
•
Low Input Biasing Current: 50 nA
•
Low Input Offset Voltage: 2 mV
•
Eliminates Need for Dual Power Supplies
•
Low Input Offset Current: 5 nA
•
An Internally Compensated Operational
•
Input Common-Mode Voltage Range Includes
Amplifier and a Precision Comparator in the
Ground
Same Package
•
Allows Sensing at or Near Ground
•
Differential Input Voltage Range Equals
xxx
Power-Supply Voltage
•
Additional Operational Amplifier Features
– Internally Frequency Compensated for
Unity Gain
– Large DC Voltage Gain: 100 dB
– Wide Bandwidth (Unity Gain): 1 MHz
– Large Output Voltage Swing:
0 V to V+ – 1.5 V
The
LM392
consists
of
two
independent
building-block
circuits.
One
is
a
high-gain
internally-frequency-compensated operational amplifier, and the other is a precision voltage comparator. Both the
operational amplifier and the voltage comparator are designed to operate from a single power supply over a wide
range of voltages. Both circuits have input stages that force the common-mode input down to ground when
operating from a single power supply. Operation from split power supplies also is possible, and the low
power-supply current is independent of the magnitude of the supply voltage.
Applications include transducer amplifiers with pulse shapers, DC gain blocks with level detectors, and VCOs, as
well as all conventional operational amplifier or voltage-comparator circuits. The LM392 can be operated directly
from the standard 5-V power-supply voltage used in digital systems, and the output of the comparator interfaces
directly with either TTL or CMOS logic. In addition, the low-power drain makes the LM392 extremely useful in the
design of portable equipment.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM392

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM392 NSC-LM392 Datasheet
98Kb / 6P
Low Power Operational Amplifier/Voltage Comparator
logo
ON Semiconductor
LM392 ONSEMI-LM392 Datasheet
127Kb / 5P
Low Power Operational Amplifier and Comparator
September, 2009 ??Rev. 4
logo
Texas Instruments
LM392 TI1-LM392 Datasheet
897Kb / 14P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
logo
SYC Electronica
LM392 SYC-LM392 Datasheet
141Kb / 5P
Low Power Operational Amplifier/Voltage Comparator
logo
Texas Instruments
LM392 TI2-LM392 Datasheet
632Kb / 18P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
JANUARY 2006
More results

Similar Description - LM392

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM392 NSC-LM392 Datasheet
98Kb / 6P
Low Power Operational Amplifier/Voltage Comparator
logo
ON Semiconductor
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
NXP Semiconductors
SA58603 PHILIPS-SA58603 Datasheet
137Kb / 15P
High precision operational amplifier, comparator, and voltage reference
2002 Nov 13
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
ON Semiconductor
LM392 ONSEMI-LM392 Datasheet
127Kb / 5P
Low Power Operational Amplifier and Comparator
September, 2009 ??Rev. 4
logo
Texas Instruments
LM392-N TI1-LM392-N Datasheet
148Kb / 8P
LM392 Low Power Operational Amplifier/Voltage Comparator
LM392MX TI1-LM392MX Datasheet
865Kb / 14P
lm392-N Low Power Operational Amplifier/Voltage Comparator
LM392 TI1-LM392_14 Datasheet
897Kb / 14P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
LM392-N TI1-LM392-N_16 Datasheet
866Kb / 14P
Low Power Operational Amplifier/Voltage Comparator
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com