Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9012S Datasheet(PDF) 27 Page - ESS Technology,Inc

Part # ES9012S
Description  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9012S Datasheet(HTML) 27 Page - ESS Technology,Inc

Back Button ES9012S Datasheet HTML 23Page - ESS Technology,Inc ES9012S Datasheet HTML 24Page - ESS Technology,Inc ES9012S Datasheet HTML 25Page - ESS Technology,Inc ES9012S Datasheet HTML 26Page - ESS Technology,Inc ES9012S Datasheet HTML 27Page - ESS Technology,Inc ES9012S Datasheet HTML 28Page - ESS Technology,Inc ES9012S Datasheet HTML 29Page - ESS Technology,Inc ES9012S Datasheet HTML 30Page - ESS Technology,Inc ES9012S Datasheet HTML 31Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Sabre32 Reference Datasheet
February 11, 2010
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
www.esstech.com
27
Vista™
High Definition
Vista™
High Definition
ABSOLUTE MAXIMUM RATINGS
PAREMETER
RATING
Storage temperature
-65
°C to 105°C
Voltage range for 5V tolerant pins
-0.5V to +5.5V
Voltage range for all other pins
-0.5V to (DVCC_T+0.5V) or
-0.5V to (DVCC_B+0.5V)
WARNING: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may
affect device reliability.
WARNING: Electrostatic Discharge (ESD) can damage this device. Proper procedures must be followed to avoid ESD when
handling this device.
RECOMMENDED OPERATING CONDITIONS
PAREMETER
SYMBOL
CONDITIONS
Operating temperature
TA
0
°C to 70°C
Digital core supply voltage
VDD
1.2V
± 5%, 37mA nominal (*1)
Digital power supply voltage
DVCC_T, DVCC_B
3.3V
± 5%, 7mA nominal (*1)
Analog power supply voltage
AVCC_L, AVCC_R
3.3V
± 5%, 25mA nominal (*1)
Note
(*1) fs =48kHz, MCLK=40MHz, I2S input, output unloaded
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN
MAX
UNIT
COMMENTS
2.0
DVCC_T or
DVCC_B
V
All inputs TTL levels except
CLK and 5V tolerant input pins
VIH
High-level input voltage
2.0
5.5
V
All 5V tolerant inputs
VIL
Low-level input voltage
-0.3
0.8
V
All input TTL levels except CLK
VCLKH
CLK high-level input
2.0
DVCC_B+0.25
V
VCLKL
CLK low-level input
-0.3
0.8
V
TTL level input
VOH
High-level output voltage
3.0
V
IOH = 1mA
VOL
Low-level-output voltage
0.45
V
IOL = 4mA
ILI
Input leakage current
±15
ILO
Output leakage current
±15
µA
CIN
Input capacitance
10
CO
Input/output capacitance
12
pF
fc = 1MHz
CCLK
CLK capacitance
20
pF
fc = 1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com