Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9012S Datasheet(PDF) 11 Page - ESS Technology,Inc

Part # ES9012S
Description  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9012S Datasheet(HTML) 11 Page - ESS Technology,Inc

Back Button ES9012S Datasheet HTML 7Page - ESS Technology,Inc ES9012S Datasheet HTML 8Page - ESS Technology,Inc ES9012S Datasheet HTML 9Page - ESS Technology,Inc ES9012S Datasheet HTML 10Page - ESS Technology,Inc ES9012S Datasheet HTML 11Page - ESS Technology,Inc ES9012S Datasheet HTML 12Page - ESS Technology,Inc ES9012S Datasheet HTML 13Page - ESS Technology,Inc ES9012S Datasheet HTML 14Page - ESS Technology,Inc ES9012S Datasheet HTML 15Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Sabre32 Reference Datasheet
February 11, 2010
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
www.esstech.com
11
Vista™
High Definition
Vista™
High Definition
De-emphasis
The de-emphasis feature is included for audio data that has utilized the 50/15uS pre-emphasis for noise
reduction. There are 3 de-emphasis filters, one for 32 kHz, 44.1 kHz and 48 kHz.
The de-emphasis filter can automatically be applied when an SPDIF stream sets the de-emphasis flag. It
will auto detect the sample rate (32k, 44.1k, 48k) in either consumer or professional formats and then
apply the correct de-emphasis filter. The automatic enabling of the de-emphasis filter can be disabled in
Register 17 <en_auto>.
OSF Bypass
The oversampling FIR filter can be bypassed, sourcing data directly into the IIR filter. ESS recommends
using 8*Fs as the input. For example, an external signal at 44.1kHz can be oversampled externally to
8*44.1kHz = 352.8kHz and then applied to the serial decoder in either I2S, LJ or RJ format. The
maximum sample rate that can be applied is 1.536MHz (8*192kHz).
SPDIF Data Select
An SPDIF source multiplexer allows for up to eight SPDIF sources to be connected to the data pins on
the SABRE
32 Reference. The SABRE32 Reference uses an internal programmable register to select the
appropriate data pin to decode.
SPDIF input can be automatically decoded when there is valid SPDIF data if Register 17
<spdif_autodetect> is enabled.
Programmable Filter
The FIR filter can be programmed with custom coefficients to achieve an arbitrary frequency response
that suits the needs of the product. The two stage interpolated filter exploits the symmetry of the
coefficients to achieve a very sharp frequency response while using only 64 coefficients for the stage one
filter and 14 coefficients for the stage two filter. Custom coefficients can be enabled via register 37
<prog_coeff_enabled> and can be programmed via the method explained in the FIR Programmable
Filters section.
The length of the stage 2 filter is configurable to either 27 or 28 coefficients via register 17 <fir_length>.
System Clock (XI / MCLK)
A system clock is required for proper operation of the digital filters and modulation circuitry. Maximum
clock frequency is 100MHz. The system clock must also satisfy:
Data Type
Valid MCLK Frequencies
DSD Data
100MHz > MCLK > 3*Fs , Fs = 2.8224MHz
Serial Normal Mode
100MHz > MCLK > 192*Fs
Serial OSF Bypass Mode
100MHz > MCLK > 24*Fs
SPDIF Data
100MHz > MCLK > 386*Fs
Data Clock
DATA_CLOCK must be 64*Fs for SERIAL, Fs for DSD modes, and is not required for SPDIF mode. This
pin should be pulled low if not used.
Built-in Digital Filters
There are numerous applications for a stereo DAC so for added flexibility; two digital filter settings are
possible, sharp roll-off and a slow roll-off for PCM mode. For DSD mode, there are 4 available filters with
cutoffs at 47kHz, 50kHz, 60kHz, and 70kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com